Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 177 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 177 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 173Page - Microsemi Corporation VSC7440 Datasheet HTML 174Page - Microsemi Corporation VSC7440 Datasheet HTML 175Page - Microsemi Corporation VSC7440 Datasheet HTML 176Page - Microsemi Corporation VSC7440 Datasheet HTML 177Page - Microsemi Corporation VSC7440 Datasheet HTML 178Page - Microsemi Corporation VSC7440 Datasheet HTML 179Page - Microsemi Corporation VSC7440 Datasheet HTML 180Page - Microsemi Corporation VSC7440 Datasheet HTML 181Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
160
3.21
Analyzer Access Control Lists
The analyzer access control list (ANA_ACL) block performs the following tasks.
•
Controls the VCAP IS2 lookups in terms of key selection, evaluation of range checkers, and control
of specific VCAP IS2 key fields such as IGR_PORT_MASK_SEL and VID.
•
Generates VCAP IS2 keys and execute the two lookups.
•
Updates VCAP IS2 statistics based on match results.
•
Assigns actions from VCAP IS2 matching or default actions when there is no match.
•
Controls routing-related frame rewrites.
The following sections provides specific information about each of these tasks.
ACL_RT_MODE
Controls routing updates in ANA_AC and how ACL_MAC is applied:
0: No change.
ACL_RT_MODE[3] = 0 (ROUTING mode):
ACL_RT_MODE[0] = 1: Enable Unicast routing updates in ANA_AC
ACL_RT_MODE[1] = 1: Enable Multicast routing updates in ANA_AC
ACL_RT_MODE[2] = 1: Enable overloading of ACL_MAC field.
ACL_RT_MODE[3] = 1 (SWAPPING mode):
ACL_RT_MODE[2:0] encodes a SWAPPING sub-mode:
0: Replace DMAC.
1: Replace SMAC.
2: Swap MAC addresses. Replace SMAC if new SMAC is multicast.
3: Swap MAC addresses if DMAC is unicast. Replace SMAC if DMAC is multicast.
4: Swap MAC addresses. Replace SMAC if new SMAC is multicast. Swap IP addresses.
Replace SIP if new SIP is multicast.
5: Swap MAC addresses if DMAC is unicast. Replace SMAC if DMAC is multicast. Swap
IP addresses if DIP is unicast. Replace SIP if DIP is multicast.
6: Swap IP addresses. Replace SIP if new SIP is multicast.
7: Replace SMAC. Swap IP addresses. Replace SIP if new SIP is multicast.
Note that when replacing a MAC address, the new MAC address is taken from
ACL_MAC. When replacing a SIP, the new SIP is taken from
ANA_ACL::SWAP_SIP[POLICE_IDX].
4
ACL_MAC
MAC address used to replace either SMAC or DMAC based on ACL_RT_MODE.
Overloading:
ACL_RT_MODE[3:2] = 1.
ACL_MAC[0]: PORT_PT_CTRL_ENA - Overrule PORT_PT_CTRL.
ACL_MAC[6:1]: PORT_PT_CTRL_IDX - into ANA_AC_POL:PORT_PT_CTRL.
ACL_MAC[16]: Enable use of ACL_MAC[26:17] as DLB policer index.
ACL_MAC[26:17]: DLB policer index.
ACL_RT_MODE(3) = 1:
MAC address used to replace either SMAC or DMAC based on ACL_RT_MODE.
48
PTP_DOM_SEL
PTP domain selector. PTP_DOM_SEL indexes the PTP configuration in
ANA_ACL:PTP_DOM used in Delay_Resp frames. See REW_CMD.
2
Table 97 •
VCAP IS2 Actions (continued)
Action Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com