Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 181 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 181 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 177Page - Microsemi Corporation VSC7440 Datasheet HTML 178Page - Microsemi Corporation VSC7440 Datasheet HTML 179Page - Microsemi Corporation VSC7440 Datasheet HTML 180Page - Microsemi Corporation VSC7440 Datasheet HTML 181Page - Microsemi Corporation VSC7440 Datasheet HTML 182Page - Microsemi Corporation VSC7440 Datasheet HTML 183Page - Microsemi Corporation VSC7440 Datasheet HTML 184Page - Microsemi Corporation VSC7440 Datasheet HTML 185Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
164
•
DSCP range
Input to the range is the classified DSCP value.
Range is applicable to IPv4 and IPv6 frames.
•
Selected frame field range
Input to the range is a selected 16-bit wide field from the frame. The field is selected using the offset
value configured in ANA_ACL::VCAP_S2_RNG_OFFSET_CFG. The offset starts at the Type/Len
field in the frame after up to 3 VLAN tags have been skipped. Note that only one selected value can
be configured for all eight range checkers.
Range is applicable to all frames.
Range start points and range end points are configured in ANA_ACL::VCAP_S2_RNG_VALUE_CFG
with both the start point and the end point being included in the range. A range matches if the input value
to the range (for instance the frame’s TCP/UDP destination port) is within the range defined by the start
point and the end point.
3.21.1.4 Miscellaneous VCAP IS2 Key Configurations
The following table lists the registers associated with configuration that control the specific fields in the
VCAP IS2 keys.
By default, the field VID contains the frame’s classified VID for both VCAP IS2 lookups. Routable frames
(determined by ANA_L3) with field L3_RT=1, can be configured
(ANA_ACL::VCAP_S2_CFG.SEC_ROUTE_HANDLING_ENA) to use the IRLEG VID for the first lookup
in VCAP IS2 and ERLEG VID for the second lookup. This enables ACL rules that apply to the ingress
router leg and ACL rules that apply to the egress router leg. The IRLEG VID and ERLEG VID are
provided by ANA_L3.
All VCAP IS2 keys except IP4_VID and IP6_VID contain the field IGR_PORT_MASK_SEL and
IGR_PORT_MASK. For frames received on a front port, IGR_PORT_MASK_SEL is set to 0 and the bit
corresponding to the frame’s physical ingress port number is set in IGR_PORT_MASK. The following
lists some settings for frames received on other interfaces and how this can be configured through
register VCAP_S2_MISC_CTRL:
•
Loopback frames. By default, IGR_PORT_MASK_SEL = 1 and IGR_PORT_MASK has one bit set
corresponding to the physical port which the frame was looped on. Optionally use
IGR_PORT_MASK_SEL = 3.
•
Masqueraded frames. By default, IGR_PORT_MASK_SEL=0 and IGR_PORT_MASK has one bit
set corresponding to the masquerade port. Optionally, use IGR_PORT_MASK_SEL = 2.
•
Virtual device frames. By default, IGR_PORT_MASK_SEL=0 and IGR_PORT_MASK has one bit
set corresponding to the original physical ingress port. Optionally use IGR_PORT_MASK_SEL = 3.
•
CPU injected frames. By default, IGR_PORT_MASK_SEL = 0 and IGR_PORT_MASK has none
bits set. Optionally use IGR_PORT_MASK_SEL = 3.
For more information about the contents of IGR_PORT_MASK_SEL and IGR_PORT_MASK, see VCAP
IS2 Key Overview, page 151.
3.21.1.5 Processing of VCAP IS2 Actions
VCAP IS2 returns an action for each enabled VCAP IS2 lookup. If the lookup matches an entry in VCAP
IS2 then the associated action is returned. A default action is returned when no entries are matched. The
first VCAP IS2 lookup returns a default action per physical ingress port while the second VCAP IS2
lookup returns a common default action. There is no difference between an action from a match and a
default action.
Table 102 •
Other VCAP IS2 Key Configurations
Register
Description
Replication
ANA_ACL::VCAP_S2_CFG.SEC_ROUTE_HA
NDLING_ENA
Enables use of IRLEG VID and ERLEG VID
instead of classified VID.
Per port
ANA_ACL:VCAP_S2:VCAP_S2_MISC_CTRL
Configuration of IGR_PORT_MASK_SEL and
IGR_PORT_MASK.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com