Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 180 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 180 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 176Page - Microsemi Corporation VSC7440 Datasheet HTML 177Page - Microsemi Corporation VSC7440 Datasheet HTML 178Page - Microsemi Corporation VSC7440 Datasheet HTML 179Page - Microsemi Corporation VSC7440 Datasheet HTML 180Page - Microsemi Corporation VSC7440 Datasheet HTML 181Page - Microsemi Corporation VSC7440 Datasheet HTML 182Page - Microsemi Corporation VSC7440 Datasheet HTML 183Page - Microsemi Corporation VSC7440 Datasheet HTML 184Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
163
3.21.1.2 VCAP IS2 Custom Keys
VCAP IS2 supports two custom keys, CUSTOM_1 and CUSTOM_2. Custom keys extract raw data from
the frame at one selectable location. The custom keys enable matching against protocol fields not
supported by other VCAP IS2 keys. The use of the custom keys must be enabled through a VCAP CLM
FULL action using CUSTOM_ACE_ENA and CUSTOM_ACE_OFFSET.
CUSTOM_1 extracts 57 consecutive bytes of data from the frame and CUSTOM_2 extracts 24
consecutive bytes of data from the frame. The data is extracted at one of four different positions in the
frame. For frames of frame_type ETH (IFH.TYPE_AFTER_POP), the positions are defined as:
•
Link layer. Corresponds to first byte in DMAC.
•
Link layer payload. Corresponds to first byte in L3, after VLAN tags and EtherType.
•
Link layer payload plus 20 bytes. Corresponds to first byte in L4 for IPv4 frame.
•
Link layer payload plus 40 bytes. Corresponds to first byte in L4 for IPv6 frame.
For frames of frame_type CW, the first link layer position is not available. The positions are defined as:
•
Link layer payload. Corresponds to first byte in control word for non-IP frames and first byte in IP
header for IP frames.
•
Link layer payload plus 20 bytes. Corresponds to first byte in L4 for IPv4 frame.
•
Link layer payload plus 40 bytes. Corresponds to first byte in L4 for IPv6 frame.
3.21.1.3 VCAP IS2 Range Checkers
The following table lists the registers associated with configuring VCAP IS2 range checkers.
Eight global VCAP IS2 range checkers are supported by the IP4_TCP_UDP and IP_7TUPLE keys. All
frames using these keys are compared against the range checkers and a 1-bit range “match/no match”
flag is returned for each range checker. The combined eight match/no match flags are used in the
L4_RNG key field. So, it is possible to include for example ranges of DSCP values and/or ranges of TCP
source port numbers in the ACLs.
Note, VCAP CLM also supports range checkers but they are independent of the VCAP IS2 range
checkers.
The range key is generated for each frame based on extracted frame data and the configuration in
ANA_ACL::VCAP_S2_RNG_CTRL. Each of the eight range checkers can be configured to one of the
following range types:
•
TCP/UDP destination port range
Input to the range is the frame’s TCP/UDP destination port number.
Range is only applicable to TCP/UDP frames.
•
TCP/UDP source port range
Input to the range is the frame’s TCP/UDP source port number.
Range is only applicable to TCP/UDP frames.
•
TCP/UDP source and destination ports range. Range is matched if either source or destination port
is within range.
Input to the range are the frame’s TCP/UDP source and destination port numbers.
Range is only applicable to TCP/UDP frames.
•
VID range
Input to the range is the classified VID.
Range is applicable to all frames.
Table 101 •
VCAP IS2 Range Checker Configuration
Register
Description
Replication
ANA_ACL::VCAP_S2_RNG_CTRL
Configuration of the range checker types
Per range checker
ANA_ACL::VCAP_S2_RNG_VALUE_CFG
Configuration of range start and end points
Per range checker
ANA_ACL::VCAP_S2_RNG_OFFSET_CFG Offset into frame when using a range checker
based on selected value from frame
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com