Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 176 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 176 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 172Page - Microsemi Corporation VSC7440 Datasheet HTML 173Page - Microsemi Corporation VSC7440 Datasheet HTML 174Page - Microsemi Corporation VSC7440 Datasheet HTML 175Page - Microsemi Corporation VSC7440 Datasheet HTML 176Page - Microsemi Corporation VSC7440 Datasheet HTML 177Page - Microsemi Corporation VSC7440 Datasheet HTML 178Page - Microsemi Corporation VSC7440 Datasheet HTML 179Page - Microsemi Corporation VSC7440 Datasheet HTML 180Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
159
REW_CMD
REW_CMD[1:0] - PTP command:
0: No command.
1: ONE-STEP update. Update PTP PDU according to ingress and egress port mode.
2: TWO-STEP stamping. Send frame untouched, but store ingress and egress time
stamps in the time stamp FIFO.
3: TIME-OF-DAY update. Fill system time-of-day into frame.
REW_CMD[3:2] - Delay command:
0: No command.
1: Add configured egress delay for the egress port (REW::PTP_EDLY_CFG).
2: Add configured ingress delay for the ingress port (REW::PTP_IDLY1_CFG).
3: Add configured ingress delay for the ingress port (REW::PTP_IDLY2_CFG).
REW_CMD[5:4] - Sequence number and time stamp command:
0: No command.
1: Fill in sequence number and increment. Sequence number is selected by IFH.TSTAMP.
2: Enable Delay_Req/resp processing. This mode includes updating the
requestReceiptTimestamp with the ingress time stamp.
3: Enable Delay_Req/resp processing. This mode excludes updating the
requestReceiptTimestamp.
Note that if REW_CMD[5] is set, REW_CMD[5:4] is cleared by ANA_ACL before passing
the REW_CMD action to the rewriter.
REW_CMD[6]: If set, set DMAC to incoming frame’s SMAC.
REW_CMD[7]: If set, set SMAC to configured value for the egress port.
8
TTL_UPDATE_ENA If set, IPv4 TTL or IPv6 hop limit is decremented.
Overloading:
If ACL_RT_MODE[3]=1 (SWAPPING) and ACL_RT_MODE[2:0]=4, 5, 6, or 7, the IPv4
TTL or IPv6 hop limit is preset to value configured in ANA_ACL::SWAP_IP_CTRL.
1
SAM_SEQ_ENA
If set, ACL_RT_MODE only applies to frames classified as SAM_SEQ.
Overloading:
If ACL_RT_MODE=0x8 (replace DMAC): If set,
ANA_ACL::SWAP_IP_CTRL.DMAC_REPL_OFFSET_VAL controls number of bits in
frame’s DMAC, counting from MSB, to replace with corresponding bits in ACL_MAC.
1
TCP_UDP_ENA
If set, TCP/UDP ports are set to new values: DPORT = MATCH_ID, SPORT =
MATCH_ID_MASK.
1
MATCH_ID
Logical ID for the entry. The MATCH_ID is extracted together with the frame if the frame is
forwarded to the CPU (CPU_COPY_ENA). The result is placed in IFH.CL_RSLT.
Overloading: If TCP_UDP_ENA is set, MATCH_ID defines new DPORT.
16
MATCH_ID_MASK Mask used by MATCH_ID.
Overloading:
If TCP_UDP_ENA is set, MATCH_ID defines new SPORT.
16
CNT_ID
Counter ID, used per lookup to index the 4K frame counters (ANA_ACL:CNT_TBL).
Multiple VCAP IS2 entries can use the same counter.
12
SWAP_MAC_ENA Swap MAC addresses.
Overloading:
If REW_CMD[5]=1: For multicast Delay_Resp frames, SWAP_MAC_ENA and
LOG_MSG_INT encodes a new logMessageInterval. See LOG_MSG_INT.
1
Table 97 •
VCAP IS2 Actions (continued)
Action Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com