Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 175 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 175 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 171Page - Microsemi Corporation VSC7440 Datasheet HTML 172Page - Microsemi Corporation VSC7440 Datasheet HTML 173Page - Microsemi Corporation VSC7440 Datasheet HTML 174Page - Microsemi Corporation VSC7440 Datasheet HTML 175Page - Microsemi Corporation VSC7440 Datasheet HTML 176Page - Microsemi Corporation VSC7440 Datasheet HTML 177Page - Microsemi Corporation VSC7440 Datasheet HTML 178Page - Microsemi Corporation VSC7440 Datasheet HTML 179Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
158
LOG_MSG_INT
Controls logMessageInterval when REW_CMD[5] = 1:
For multicast Delay_Resp frames, SWAP_MAC_ENA and LOG_MSG_INT encode a new
logMessageInterval:
SWAP_MAC_ENA=0, LOG_MSG_INT=0: logMessageInterval = 0
SWAP_MAC_ENA=0, LOG_MSG_INT=1: logMessageInterval = 1
...
SWAP_MAC_ENA=0, LOG_MSG_INT=7: logMessageInterval = 7
SWAP_MAC_ENA=1, LOG_MSG_INT=0: logMessageInterval = –8
SWAP_MAC_ENA=1, LOG_MSG_INT=1: logMessageInterval = –7
...
SWAP_MAC_ENA=1, LOG_MSG_INT=7: logMessageInterval = –1
3
MASK_MODE
Controls how PORT_MASK is applied.
0: OR_DSTMASK: Or PORT_MASK with destination mask.
1: AND_VLANMASK: And PORT_MASK with VLAN mask.
2: REPLACE_PGID: Replace PGID port mask from MAC table lookup by PORT_MASK.
3: REPLACE_ALL: Use PORT_MASK as final destination set replacing all other port
masks. Note that with REPLACE_ALL, the port mask becomes sticky and cannot be
modified by later processing steps.
4: REDIR_PGID: Redirect using PORT_MASK[7:0] as PGID table index. See
PORT_MASK for extra configuration options.
options. Note that the port mask becomes sticky and cannot be modified by subsequent
processing steps.
5: OR_PGID_MASK: Or PORT_MASK with PGID port mask from MAC table lookup.
6: Reserved.
7: Reserved.
The CPU port is untouched by MASK_MODE.
3
PORT_MASK
Port mask applied to the forwarding decision.
MASK_MODE=4:
PORT_MASK[52]: SRC_PORT_MASK_ENA. If set, SRC_PORT_MASK is AND’ed with
destination result.
PORT_MASK[51]: AGGR_PORT_MASK_ENA. If set, AGGR_PORT_MASK is AND’ed
with destination result.
MASK_MODE=4:
PORT_MASK[50]: VLAN_PORT_MASK_ENA. If set, VLAN_PORT_MASK is AND’ed
with
destination result.
PORT_MASK[7:0]: PGID table index.
55
MIRROR_PROBE
Mirroring performed according to configuration of a mirror probe.
0: No mirroring.
1: Mirror probe 0.
2: Mirror probe 1.
3: Mirror probe 2.
2
Table 97 •
VCAP IS2 Actions (continued)
Action Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com