Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 171 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 171 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 167Page - Microsemi Corporation VSC7440 Datasheet HTML 168Page - Microsemi Corporation VSC7440 Datasheet HTML 169Page - Microsemi Corporation VSC7440 Datasheet HTML 170Page - Microsemi Corporation VSC7440 Datasheet HTML 171Page - Microsemi Corporation VSC7440 Datasheet HTML 172Page - Microsemi Corporation VSC7440 Datasheet HTML 173Page - Microsemi Corporation VSC7440 Datasheet HTML 174Page - Microsemi Corporation VSC7440 Datasheet HTML 175Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
154
ETYPE
Frame’s EtherType
Overloading:
OAM Y.1731 frames: ETYPE[6:0] contains OAM
MEL flags, see below. OAM_Y1731 is set to 1 to
indicate the overloading of ETYPE.
OAM MEL flags:
Encoding of MD level/MEG level (MEL). One bit for
each level where lowest level encoded as zero.
The following keys can be generated:
MEL=0: 0b0000000
MEL=1: 0b0000001
MEL=2: 0b0000011
MEL=3: 0b0000111
MEL=4: 0b0001111
MEL=5: 0b0011111
MEL=6: 0b0111111
MEL=7: 0b1111111
Together with the mask, the following kinds of rules
may be created:
- Exact match. Fx. MEL = 2: 0b0000011
- Below. Fx. MEL< = 4: 0b000XXXX
- Above. Fx. MEL> = 5: 0bXX11111
- Between. Fx. 3< = MEL< = 5: 0b00XX111,
where 'X' means don't care.
16
x
IP4
Frame type flag indicating the frame is an IPv4
frame.
Set if frame is IPv4 frame (EtherType = 0x800 and
IP version = 4)
1x x
x
L2_PAYLOAD_ETYPE
Byte 0-7 of L2 payload after Type/Len field.
Overloading:
OAM Y.1731 frames (OAM_Y1731 = 1):
Bytes 0-3: OAM PDU bytes 0-3
Bytes 4-5: OAM_MEPID
Bytes 6-7: Unused.
64
x
L3_FRAGMENT
Set if IPv4 frame is fragmented (more fragments
flag = 1 or fragments offset > 0).
1x x
L3_FRAG_OFS_GT0
Set if IPv4 frame is fragmented but not the first
fragment (fragments offset > 0)
1x x
ARP_ADDR_SPACE_OK
Set if hardware address is Ethernet.
1
x
ARP_PROTO_SPACE_OK Set if protocol address space is 0x0800.
1
x
ARP_LEN_OK
Set if Hardware address length = 6 (Ethernet) and
IP address length = 4 (IP).
1x
ARP_TARGET_MATCH
Target Hardware Address = SMAC (RARP).
1
x
ARP_SENDER_MATCH
Sender Hardware Address = SMAC (ARP).
1
x
Table 96 •
VCAP IS2 Key Overview (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com