Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 173 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 173 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 169Page - Microsemi Corporation VSC7440 Datasheet HTML 170Page - Microsemi Corporation VSC7440 Datasheet HTML 171Page - Microsemi Corporation VSC7440 Datasheet HTML 172Page - Microsemi Corporation VSC7440 Datasheet HTML 173Page - Microsemi Corporation VSC7440 Datasheet HTML 174Page - Microsemi Corporation VSC7440 Datasheet HTML 175Page - Microsemi Corporation VSC7440 Datasheet HTML 176Page - Microsemi Corporation VSC7440 Datasheet HTML 177Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
156
L4_RNG
Range mask. Range types: SPORT, DPORT,
SPORT or DPORT, VID, DSCP, custom.
Input into range checkers is taken from classified
results (VID, DSCP) and frame (SPORT, DPORT,
custom).
8x
x
SPORT_EQ_DPORT
Set if TCP/UDP source port equals TCP/UDP
destination port.
1x
x
SEQUENCE_EQ0
Set if TCP sequence number is 0.
1
x
x
L4_FIN
TCP flag FIN.
1
x
x
L4_SYN
TCP flag SYN.
1
x
x
L4_RST
TCP flag RST.
1
x
x
L4_PSH
TCP flag PSH.
1
x
x
L4_ACK
TCP flag ACK.
1
x
x
L4_URG
TCP flag URG.
1
x
x
L3_PAYLOAD
Payload bytes after IP header.
IPv4: IPv4 options are not parsed so payload is
always taken 20 bytes after the start of the IPv4
header.
96
x
L4_PAYLOAD
Payload bytes after TCP/UDP header.
Overloading for IP_7TUPLE:
Non TCP/UDP frames (TCP_UDP = 0): Payload
bytes 0 – 7 after IP header. IPv4 options are not
parsed so payload is always taken 20 bytes after
the start of the IPv4 header for non TCP/UDP IPv4
frames.
64
x
x
OAM_CCM_CNTS_EQ0
Flag indicating if dual-ended loss measurement
counters in CCM frames are used.
This flag is set if the TxFCf, RxFCb, and TxFCb
counters are set to all zeros.
1x
OAM_Y1731
Set if frame’s EtherType = 0x8902. If set, ETYPE
is overloaded with OAM MEL flags, See ETYPE.
1x
CUSTOM1
57 bytes payload starting from current frame
pointer position, as controlled by VCAP CLM
actions.
Note that if frame_type==ETH, then payload is
retrieved from a position following the Ethernet
layer, for example, after DMAC, SMAC, 0 – 3
VLAN tags, and EtherType.
456
x
CUSTOM2
24 bytes payload from frame. Location in frame is
controlled by VCAP CLM actions.
Note that if frame_type==ETH, payload is retrieved
from a position following the Ethernet layer, for
example, after DMAC, SMAC, 0 – 3 VLAN tags
and EtherType.
192
x
Table 96 •
VCAP IS2 Key Overview (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com