Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 167 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 167 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 163Page - Microsemi Corporation VSC7440 Datasheet HTML 164Page - Microsemi Corporation VSC7440 Datasheet HTML 165Page - Microsemi Corporation VSC7440 Datasheet HTML 166Page - Microsemi Corporation VSC7440 Datasheet HTML 167Page - Microsemi Corporation VSC7440 Datasheet HTML 168Page - Microsemi Corporation VSC7440 Datasheet HTML 169Page - Microsemi Corporation VSC7440 Datasheet HTML 170Page - Microsemi Corporation VSC7440 Datasheet HTML 171Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
150
An example usage of the counters is shown in the following table.
3.19.3.3 LPM Statistics
For debugging purposes and usage monitoring, the VCAP includes a sticky bit per entry.
3.19.4
IGMP/MLD Snooping Switch
RFC4541 describes recommendations on how an IGMP/MLD snooping switch forwards IP Multicast
packets.
To implement the required data forwarding rules for an IGMP/MLD snooping switch, the VCAP IS2
lookup in ANA_ACL must be used.
For each IP multicast flow, the VCAP IS2 lookup can be used to limit the forwarding within each VLAN
using the following key types:
•
IGMP snooping switch: IP4_VID
•
MLD snooping switch: IP6_VID
Both key types include SIP, DIP, and VID such that snooping switches can be supported for IGMPv3 and
MLDv2.
In the action of the VCAP rules, the following fields can be used to limit the forwarding.
•
PORT_MASK. The ports to which the frame is forwarded within the VLAN.
•
MASK_MODE. Should normally be set to 1 (AND_VLANMASK).
When IP multicast routing is combined with snooping, a lookup in VCAP IS2 is made for each copy of the
IP multicast packet. The VID in each such lookup is the VID of the egress VLAN (of that copy). In order
for the VCAP rules to use the EVID in the IP4_VID/IP6_VID key, the second VCAP lookup must be used,
and ANA_ACL::VCAP_S2_CFG.SEC_ROUTE_HANDLING_ENA must be set to 1.
3.20
VCAP IS2 Keys and Actions
VCAP IS2 is part of ANA_ACL and enables access control lists using VCAP functionality. This section
provides detailed information about all available VCAP IS2 keys and actions.
For information about how to select which key to use and how the VCAP IS2 action is applied, see VCAP
IS2, page 161.
Table 94 •
Egress Router Leg Statistics Example
Event Name
Reference
Counter Name
Byte
(b/)/Frame
(f)
RFC 4293
ipIfStatsOutForwDatagrams f
x
x
RFC 4293
ipIfStatsOutOctets
b
x
x
RFC 4293
ipIfStatsOutMcastPkts
f
x
RFC 4293
ipIfStatsOutMcastOctets
b
x
Microsemi
IP MC TTL discards
f
x
Microsemi
ACL discards
f
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com