Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 163 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 163 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 159Page - Microsemi Corporation VSC7440 Datasheet HTML 160Page - Microsemi Corporation VSC7440 Datasheet HTML 161Page - Microsemi Corporation VSC7440 Datasheet HTML 162Page - Microsemi Corporation VSC7440 Datasheet HTML 163Page - Microsemi Corporation VSC7440 Datasheet HTML 164Page - Microsemi Corporation VSC7440 Datasheet HTML 165Page - Microsemi Corporation VSC7440 Datasheet HTML 166Page - Microsemi Corporation VSC7440 Datasheet HTML 167Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
146
Figure 36 •
IP Multicast Routing Example
A sender host with IPv4 address 1.1.1.3 is transmitting IPv4 multicast frames to the group address
230.1.1.1 and DMAC = 0x01005E010101. The frames must be L2 forwarded to receivers in VLAN 1 and
L3 forwarded to receivers in VLAN 2. For the latter, an entry for the (1.1.1.3, 230.1.1.1) pair is added to
the VCAP LPM.
3.19.2.5.1 Stage 1
•
Lookup of (SIP,G) = (1.1.1.3, 230.1.1.1) in VCAP LPM returns L3MC_IDX = 0 and a corresponding
entry in L3MC table. L3MC_IDX = 0 is inserted into the IFH.
•
The L3MC entry has RPF check enabled (RPF_ENA = 1). Because the frame has been received
through the specified router leg, L3 forwarding is allowed.
•
The L3MC entry specifies that frames are forwarded to router leg 1 and 2. Because the frame has
been received on router leg 1, only router leg 2 needs a routed copy. In other words, the number of
L3 frame copies required is set to 1.
•
If the frame’s TTL is <2, then the frame is not L3 forwarded.
•
Lookup of (DMAC, VID) = (0x01005E010101, 1) in the MAC table returns a destination set with port
8 and 9. Port 8 is source filtered due to normal L2 source port filtering, so the resulting destination
set consists only of port 9.
•
As a result of the first stage, the frame has been L2 forwarded to port 9 and a copy with
L3MC_IDX = 0 and L3 copies required = 1 has been forwarded to the VD0.
3.19.2.5.2 Stage 2
•
A frame is received once from VD0 with L3MC_IDX = 0 and L3MC_COPY_CNT = 1.
•
Lookup of L3MC_IDX = 0 in the L3MC table returns the same entry as used in stage 1. Because this
is the first routed copy, the new EVMID is 2, and through lookup in the VMID table, the
corresponding EVID is 2.
•
If Frame.IP.TTL < VMID.VMID_MC.RLEG_IP4_MC_TTL, the frame is not L3 forwarded.
•
The frame’s TTL is decremented.
•
Lookup of (DMAC, VID) = (0x01005E010101, 2) in the MAC table returns a destination set with port
10 and 11. Because this is a routed copy, no source port filtering is applied.
Sender
Receiver 1
Receiver 2
1.1.1.3
1.1.1.1
2.2.2.2
1.1.1.2
Receiver 3
2.2.2.3
2.2.2.1
8
9
10
11
VLAN 2
IP network 2.2.2.0/24
VLAN 1
IP network 1.1.1.0/24
n+4
Index
n+2
n
0
VCAP Entries
L3MC Table
1
1
1
Valid
CPU
EVMID_MASK
(Router leg bit mask)
128 bits
RPF_
VMID
0x6
1
1
1
RPF_CHK_
ENA
1
x
0xFF
0
x
x
x
x
230.1.1.1
G
2.2.2.2
SIP
230.1.1.1 1.1.1.3
230.1.1.1
x
1
l3mc_idx
0
x
VCAP
Actions
1
x
x
x
x
230.1.1.2 2.2.2.2
1
0
Index
1
2
1023
Router
Router
leg 1
Router
leg 2
LPM VCAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com