Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 164 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 164 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 160Page - Microsemi Corporation VSC7440 Datasheet HTML 161Page - Microsemi Corporation VSC7440 Datasheet HTML 162Page - Microsemi Corporation VSC7440 Datasheet HTML 163Page - Microsemi Corporation VSC7440 Datasheet HTML 164Page - Microsemi Corporation VSC7440 Datasheet HTML 165Page - Microsemi Corporation VSC7440 Datasheet HTML 166Page - Microsemi Corporation VSC7440 Datasheet HTML 167Page - Microsemi Corporation VSC7440 Datasheet HTML 168Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
147
•
The result is a routed copy to ports 10 and 11 with replaced SMAC and VID from VMID = 2 and TTL
decremented.
3.19.2.6 SIP RPF Check
As a security measure, the device can be configured to only L3 forward frames if the SIP belongs to a
known subnet and is received by one (or more) specific router legs, for example, the router leg through
which the subnet is reached. This configuration can be used to filter IP address spoofing attempts.
To support SIP RPF check, each route in VCAP LPM is assigned a Route Group ID (RGID); that is, any
route in the VCAP LPM belongs to exactly one Route Group. Eight RGID values are supported.
In the VMID table the set of acceptable RGIDs for each router leg is configured using RGID_MASK.
Each router leg can be configured to operate in the following SIP RPF modes.
•
Disabled. No SIP RPF check is performed.
•
RGID mode. Frames are only L3 forwarded if the SIP’s RGID is enabled in the router leg’s
RGID_MASK. If the ARP information is encoded directly in the VCAP action and SIP RPF mode is
set to RGID mode, then an Rleg mode check is performed instead, because an ARP entry encoded
in the VCAP Action contains to RGID.
•
Rleg mode. Frames are only L3 forwarded if the VMID of the ARP table entry resulting from SIP LPM
lookup is identical to the ingress VMID. For example, the router leg, which the frame was received
on, is also the router leg used for forwarding frames to the SIP.
Rleg mode cannot be used for ECMP LPM entries, because each route is only accepted by one
router leg. In Rleg mode, no SIP RPF check is performed if SIP is reachable using an ECMP path.
•
Combined mode. This is a combination of RGID mode and Rleg mode. If the SIP LPM lookup results
in an LPM entry with ECMP_CNT = 0, an Rleg mode check is performed, otherwise a RGID Mode
check is performed.
RFC3704 defines a number of different SIP RPF modes, which can be supported by the device as
follows:
•
Strict RPF. Use Rleg mode or Combined mode to also support ECMP.
•
Loose RPF. Use RGID mode and configure RGID_MASK to all-ones. For example, any RGID value
is acceptable.
•
Loose RPF ignoring default routes. Use RGID mode and configure a separate RGID value for the
default route. Exclude this value in router leg’s RGID_MASK.
•
Feasible RPF. Use RGID mode, group LPM entries using RGID and enable only the accepted
groups in the router leg’s RGID_MASK.
Note that SIP RPF is unrelated to the L3MC RPF check enabled in L3MC:L3MC_CTRL.RPF_CHK_ENA,
which validates that a given IP multicast flow (identified by (S,G) or (*,G) was received by the expected
router leg.
Frames that are not routed due to SIP RPF check can optionally be redirected to CPU by configuring
COMMON:ROUTING_CFG.RLEG_IP4_SIP_RPF_REDIR_ENA and
COMMON:ROUTING_CFG.RLEG_IP6_SIP_RPF_REDIR_ENA.
3.19.2.7 CPU Redirection of Filtered Frames
The following table provides an overview of the available CPU queues used when copying/redirecting
frames to CPU.
Table 90 •
CPU Queue Overview
CPU Queue
Description
COMMON:CPU_QU_CFG.CPU_RLEG_QU
Non-IP unicast frames matching an ingress router leg.
For example, ARP PDUs.
CPU queue for IP frames with L2 broadcast DMAC,
received by router leg.
COMMON:CPU_QU_CFG.CPU_RLEG_IP_OPT_QU
IPv4 frames with options and IPv6 frames with hop-by-
hop option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com