Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 162 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 162 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 158Page - Microsemi Corporation VSC7440 Datasheet HTML 159Page - Microsemi Corporation VSC7440 Datasheet HTML 160Page - Microsemi Corporation VSC7440 Datasheet HTML 161Page - Microsemi Corporation VSC7440 Datasheet HTML 162Page - Microsemi Corporation VSC7440 Datasheet HTML 163Page - Microsemi Corporation VSC7440 Datasheet HTML 164Page - Microsemi Corporation VSC7440 Datasheet HTML 165Page - Microsemi Corporation VSC7440 Datasheet HTML 166Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
145
In stage 2, the analyzer processes each frame copy from VD0, and L3 forwards each frame copy to its
egress VLAN.
In stage 1, ANA_L3 uses the VCAP LPM to determine the forwarding of the frame. Typically, two types of
VCAP LPM multicast entries exist: source-specific and source-independent.
•
Source specific IP multicast groups, where the same group IP address can be used by multiple
sources. Such groups are denoted (S,G).
•
Source independent IP multicast groups, where the group IP address uniquely identifies the IP
multicast flow. Such groups are denoted (*,G).
IPv4 multicast groups occupies two entries in the VCAP LPM, and IPv6 multicast groups occupies eight
entries. Source-specific multicast groups must be placed with higher precedence than source-
independent multicast groups.
A matching entry in the VCAP LPM results in an index (L3MC_IDX) to an entry in the L3MC Table.
Each L3MC table entry contains a list of egress router legs to which frames are routed. Upon removing
the ingress router leg from the list, the required number of routed multicast copies is calculated and this
number (L3MC_COPY_CNT) is sent to VD0.
Stage 1 L2 forwards the frame. ANA_ACL can be used to limit the L2 forwarding, for example, to support
IGMP/MLD snooping.
For each L3MC entry, it can optionally be configured that routing is only performed if the frame was
received by a specific ingress router leg. This is termed reverse path forwarding check and is configured
using L3MC:L3MC_CTRL.RPF_CHK_ENA and L3MC:L3MC_CTRL.RPF_VMID.
Note that this RPF check is unrelated to the SIP RPF check. For more information about the SIP RPF
check, see SIP RPF Check, page 147.
Reverse path forwarding check does not affect the L2 forwarding decision.
In stage 2, VD0 replicates the frame according to L3MC_COPY_CNT, and L3MC_IDX is written into the
frame’s IFH.
For each copy, which ANA_L3 receives from VD0 during stage 2, L3MC_IDX from IFH is used to lookup
the L3MC table entry and thus find the list of egress router legs that require a routed copy. The egress
router leg is used to determine the egress VID which in turn is used to perform (VID, DMAC) lookup in
the MAC table for L2 forwarding within the egress VLAN.
For each egress router leg, it can be configured that frames are only L3 forwarded to the router leg if the
TTL/HL of the packet is above a certain value. This is configured using
VMID:VMID_MC.RLEG_IP4_MC_TTL and VMID:VMID_MC.RLEG_IP6_MC_TTL.
In stage 2, both learning and ingress filtering is disabled.
The following illustration shows an IPv4 multicast routing example. IPv6 multicast routing works
identically to IPv4 multicast routing, with the exception that the IPv6 entries occupies four times as much
space in VCAP LPM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com