Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 159 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 159 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 155Page - Microsemi Corporation VSC7440 Datasheet HTML 156Page - Microsemi Corporation VSC7440 Datasheet HTML 157Page - Microsemi Corporation VSC7440 Datasheet HTML 158Page - Microsemi Corporation VSC7440 Datasheet HTML 159Page - Microsemi Corporation VSC7440 Datasheet HTML 160Page - Microsemi Corporation VSC7440 Datasheet HTML 161Page - Microsemi Corporation VSC7440 Datasheet HTML 162Page - Microsemi Corporation VSC7440 Datasheet HTML 163Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
142
Figure 34 •
IP Unicast Routing Example
Ports o, n, and m are connected to Router A3, Host A1, and Host A2. These stations are included in an
IP subnet associated with VLAN 1 and connected to the router by router leg 1. Router leg 1’s MAC
address is shown.
Ports a, b, and c are connected to Router B2, Host B1, and Host B3. These stations are included in an IP
subnet associated with VLAN 2 and connected to the router by router leg 2.
The router leg MAC addresses in the example offsets the base MAC address by the respective router
leg’s VMID.
Traffic destined within a subnet is L2-forwarded. For example, traffic from Host A1 to Host A2 is L2
forwarded.
VLAN1
IPv4 network 1.1.1.0/24
Router
nm
ob
c
a
Host A1
IPv4: 1.1.1.1
MAC: 0x000001010101
IPv4 network 3.3.0.0/16
Host A2
IPv4: 1.1.1.2
MAC: 0x000001010102
Router A3
IPv4: 1.1.1.3
MAC: 0x000001010103
Host B1
IPv4: 2.2.2.1
MAC: 0x000002020201
Router B2
IPv4: 2.2.2.2
MAC: 0x000002020202
IPv4 network 4.4.0.0/16
Host B3
IPv4: 2.2.2.3
MAC: 0x000002020203
VLAN2
IPv4 network: 2.2.2.0/24
Default Router
IPv4 network
*.*.*.*/0
IPv4 network
5.5.0.0/12
VCAP Entries
ARP Table
1
X
m+7
1
Index
Valid
32
Prefix
Length
1.1.1.0
DIP
CPU
DMAC
EVMID
000000000000
0
1
m+5
1
32
1.1.1.2
000001010102
1
32
1.1.1.3
0
1
000001010103
1
x
n+5
1
24
1.1.1.0
...
...
m+4
1
32
2.2.2.0
1
2
000000000000
0
2
m+3
1
32
000002020201
2.2.2.1
0
2
m+2
1
32
000002020202
2.2.2.2
n+4
1
24
2.2.2.0
0
1
n+3
1
16
3.3.0.0
000001010103
0
2
n+2
1
16
4.4.0.0
000002020202
m+7
ARP IDX
m+5
m+4
n+5
m+3
m+2
m+1
n+5
n+4
0
0
1
n+1
1
12
5.5.0.0
000001010103
n+2
0
2
n
0
x
x
000002020202
x
x
0
1
0
0.0.0.0
...
...
0
x
x
Known
local
hosts
VCAP Actions
0
ECMP
0
0
0
0
0
0
0
0
0
1
x
0
Default gateway
x
x
x
0
1
m+6
1
32
1.1.1.1
000001010101
m+6
0
m+1
m
0
2
1
32
000002020203
2.2.2.3
m
0
000000000000
0
x
x
x
x
...
...
x
x
x
Router leg 1 (VMID=1)
MAC: 0x001122330001
IPv4: 1.1.1.0
Router leg 2 (VMID=2)
MAC: 0x001122330002
IPv4: 2.2.2.0
LPM VCAP
Known
Network
Equal
Cost
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com