Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 156 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 156 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 152Page - Microsemi Corporation VSC7440 Datasheet HTML 153Page - Microsemi Corporation VSC7440 Datasheet HTML 154Page - Microsemi Corporation VSC7440 Datasheet HTML 155Page - Microsemi Corporation VSC7440 Datasheet HTML 156Page - Microsemi Corporation VSC7440 Datasheet HTML 157Page - Microsemi Corporation VSC7440 Datasheet HTML 158Page - Microsemi Corporation VSC7440 Datasheet HTML 159Page - Microsemi Corporation VSC7440 Datasheet HTML 160Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
139
Figure 32 •
Ingress Router Leg Lookup Flow
3.19.2.3.1 Unicast Router Leg Detection
On L2, up to three different MAC addresses are used to identify the router leg:
•
The normal router leg MAC address. This MAC address consists of a base address that is
configured using COMMON:RLEG_CFG_0.RLEG_MAC_LSB and
COMMON:RLEG_CFG_0.RLEG_MAC_MSB.
To have different MAC addresses for each router leg, the three least significant bytes of the base
MAC address can optionally be incremented by the Classified VID or the VMID. This is configured
using COMMON:RLEG_CFG_1.RLEG_MAC_TYPE_SEL.
•
VRRP MAC address for IPv4. This MAC address consists of a base address that is configured using
COMMON:VRRP_IP4_CFG_0.VRRP_IP4_BASE_MAC_MID and
COMMON:VRRP_IP4_CFG_0.VRRP_IP4_BASE_MAC_HIGH.
For each router leg, the least signficant byte is configured per router leg using
VMID:VRRP_CFG.RLEG_IP4_VRID. Up to two VRID values are supported per router leg.
Use of VRRP for IPv4 is enabled using VMID:RLEG_CTRL.RLEG_IP4_VRID_ENA.
•
VRRP MAC address for IPv6. This is configured in the same manner as VRRP MAC address for
IPv4.
The matching of router leg MAC address for unicast packets is shown in the following illustration.
Figure 33 •
Ingress Router Leg MAC Address Matching for Unicast Packets
VMID Table
RLEG_IP4_UC_ENA
RLEG_IP4_MC_ENA
RLEG_IP4_ICMP_REDIR_ENA
RLEG_IP4_VRID_ENA
RLEG_IP6_UC_ENA
RLEG_IP6_MC_ENA
RLEG_IP6_ICMP_REDIR_ENA
RLEG_IP6_VRID_ENA
RLEG_EVID(11:0)
RLEG_IP4_VRID0(7:0)
RLEG_IP6_VRID1(7:0)
RLEG_IP4_MC_TTL(7:0)
RLEG_IP6_MC_TTL(7:0)
VMID
VLAN_RLEG_ENA
Classified
VID
VLAN Table
(Router leg
configuration)
RLEG_IP4/6_UC_ENA
RLEG_IP4/6_VRID_ENA
RLEG_IP4/6_VRID
Frame.DMAC
From VMID Table:
(47:0)
48
(7:0)
VRRP Base MAC address
=?
(47:8)
Router leg MAC
address match
8
COMMON:VRRP_IP4/6_CFG_0.VRRP_IP4/6_BASE_MAC_HIGH
COMMON:VRRP_IP4/6_CFG_1.VRRP_IP4/6_BASE_MAC_MID
Normal base MAC address
COMMON:RLEG_CFG_1.RLEG_MAC_MSB
COMMON:RLEG_CFG_0.RLEG_MAC_LSB
=?
+
=?
AND
OR
AND
AND
Frame is IPv4/6
RLEG selector
COMMON:RLEG_CFG_1.RLEG_MAC_TYPE_SEL
IVMID
Classified VID
0
24
24
Frame’s DMAC matches
Router’s MAC address
Frame’s DMAC
matches VRRP MAC
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com