Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 158 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 158 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 154Page - Microsemi Corporation VSC7440 Datasheet HTML 155Page - Microsemi Corporation VSC7440 Datasheet HTML 156Page - Microsemi Corporation VSC7440 Datasheet HTML 157Page - Microsemi Corporation VSC7440 Datasheet HTML 158Page - Microsemi Corporation VSC7440 Datasheet HTML 159Page - Microsemi Corporation VSC7440 Datasheet HTML 160Page - Microsemi Corporation VSC7440 Datasheet HTML 161Page - Microsemi Corporation VSC7440 Datasheet HTML 162Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
141
Frames with an illegal SIP can be redirected to the CPU using
CPU_RLEG_IP_HDR_FAIL_REDIR_ENA.
Use the ROUTING_CFG.IP6_DIP_ADDR_VIOLATION_REDIR_ENA parameters to configure each of
the following DIP address ranges to be considered illegal.
•
::/128 (unspecified address)
•
::1/128 (loopback address)
Frames with an illegal DIP can be redirected to the CPU using
CPU_RLEG_IP_HDR_FAIL_REDIR_ENA.
3.19.2.4 Unicast Routing
The IPv4/IPv6 unicast forwarding table in the Analyzer is configured with known routes. There are
typically two types of routes: Local IP and Remote IP.
•
Local IP networks directly accessible through the router. These entries return the DMAC address of
the destination host and correspond to an ARP lookup.
•
Remote IP networks accessible through a router. These entries return the DMAC address of the
next-hop router.
If frames are deemed suitable for IP unicast routing, a DIP lookup is performed in the Longest Prefix
Match (LPM) table. The lookup is a Classless Inter-Domain Routing (CIDR) lookup. That is, all network
sizes are supported.
For IP addresses in local IP networks without corresponding MAC addresses, LPM entry with a
corresponding ARP entry with a zero MAC address should be configured. This results in redirecting the
matching frames to the CPU and thus allows the CPU to exchange ARP/NDP messages with the stations
on the local IP networks to request their MAC address and afterwards use this information to update the
ARP table.
Packets with IVMID = EVMID (packets that are to be routed back to the router leg on which they were
received) can optionally be redirected to the CPU such that the CPU can generate an ICMP Redirect
message. This is configurable using VMID:RLEG_CTRL.RLEG_IP4_ICMP_REDIR_ENA and
VMID:RLEG_CTRL.RLEG_IP6_ICMP_REDIR_ENA.
If such packets are not redirected to the CPU, they are routed.
IVMID and EVMID are configured using VLAN:VMID_CFG.VMID and ARP:ARP_CFG_0.ARP_VMID.
The following illustration shows an IPv4 unicast routing example. IPv6 unicast routing works identically to
IPv4 unicast routing, with the exception that each of the IPv6 addresses occupies four times as much
space in VCAP LPM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com