Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 178 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 178 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 174Page - Microsemi Corporation VSC7440 Datasheet HTML 175Page - Microsemi Corporation VSC7440 Datasheet HTML 176Page - Microsemi Corporation VSC7440 Datasheet HTML 177Page - Microsemi Corporation VSC7440 Datasheet HTML 178Page - Microsemi Corporation VSC7440 Datasheet HTML 179Page - Microsemi Corporation VSC7440 Datasheet HTML 180Page - Microsemi Corporation VSC7440 Datasheet HTML 181Page - Microsemi Corporation VSC7440 Datasheet HTML 182Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
161
3.21.1
VCAP IS2
Each frame is classified to one of nine overall VCAP IS2 frame types. The frame type determines which
VCAP IS2 key types are applicable and controls which frame data to extract.
Some protocols of interest do not have their own frame type but are included in other mentioned frame
types. For instance, Precision Time Protocol (PTP) frames are handled by VCAP IS2 as either ETYPE
frames, IPv4 frames, or IPv6 frames. The following encapsulations of PTP frames are supported:
•
PTP over Ethernet: ETYPE frame with Type/Len = 0x88F7.
•
PTP over UDP over IPv4: IPv4 UDP frame with UDP destination port numbers 319 or 320.
•
PTP over UDP over IPv6: IPv6 UDP frame with UDP destination port numbers 319 or 320.
Table 98 •
VCAP IS2 Frame Types
Frame Type
Condition
IPv6 multicast frame
The Type/Len field is equal to 0x86DD.
The IP version is 6.
The destination IP address is a multicast address (FF00::/8).
Special IPv6 frames:
•IPv6 TCP frame: Next header is TCP (0x6).
•IPv6 UDP frame: Next header is UDP (0x11).
•IPv6 Other frame: Next header is neither TCP nor UDP.
IPv6 unicast frame
The Type/Len field is equal to 0x86DD.
The IP version is 6.
The destination IP address is not a multicast address.
Special IPv6 frames:
•IPv6 TCP frame: Next header is TCP (0x6).
•IPv6 UDP frame: Next header is UDP (0x11).
•IPv6 Other frame: Next header is neither TCP nor UDP
IPv4 multicast frame
The Type/Len field is equal to 0x800.
The IP version is 4.
The destination IP address is a multicast address (224.0.0.0/4).
Special IPv4 frames:
•IPv4 TCP frame: IP protocol is TCP (0x6).
•IPv4 UDP frame: IP protocol is UDP (0x11).
•IPv4 Other frame: IP protocol is neither TCP nor UDP.
IPv4 unicast frame
The Type/Len field is equal to 0x800.
The IP version is 4.
The destination IP address is not a multicast address.
Special IPv4 frames:
•IPv4 TCP frame: IP protocol is TCP (0x6).
•IPv4 UDP frame: IP protocol is UDP (0x11).
•IPv4 Other frame: IP protocol is neither TCP nor UDP.
(R)ARP frame
The Type/Len field is equal to 0x0806 (ARP) or 0x8035 (RARP).
OAM Y.1731 frame
The Type/Len field is equal to 0x8902 (ITU-T Y.1731).
SNAP frame
The Type/Len field is less than 0x600.
The Destination Service Access Point field, DSAP is equal to 0xAA.
The Source Service Access Point field, SSAP is equal to 0xAA.
The Control field is equal to 0x3.
LLC frame
The Type/Len field is less than 0x600
The LLC header does not indicate a SNAP frame.
ETYPE frame
The Type/Len field is greater than or equal to 0x600, and the Type field
does not indicate any of the previously mentioned frame types, that is,
ARP, RARP, OAM, IPv4, or IPv6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com