Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 182 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 182 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 178Page - Microsemi Corporation VSC7440 Datasheet HTML 179Page - Microsemi Corporation VSC7440 Datasheet HTML 180Page - Microsemi Corporation VSC7440 Datasheet HTML 181Page - Microsemi Corporation VSC7440 Datasheet HTML 182Page - Microsemi Corporation VSC7440 Datasheet HTML 183Page - Microsemi Corporation VSC7440 Datasheet HTML 184Page - Microsemi Corporation VSC7440 Datasheet HTML 185Page - Microsemi Corporation VSC7440 Datasheet HTML 186Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
165
VCAP IS2 contains 58 default actions that are allocated the following way:
•
0-52: Per ingress port default actions for first lookup.
•
53, 54: Per CPU port (CPU0 and CPU1) default actions for first lookup.
•
55, 56: Per virtual device (VD0 and VD1) default actions for first lookup.
•
57: Common default action for second lookup.
Each of the two VCAP IS2 actions (from first and second lookups) can be processed either at the pipeline
point ANA_OU_SW or at pipeline point ANA_IN_SW. This is controlled by VCAP IS2 action
IS_INNER_ACL. The order of processing is given as:
1.
Process first action if the first’s action IS_INNER_ACL is 0.
2.
Process second action if the second’s action IS_INNER_ACL is 0.
3.
Process first action if the first’s action IS_INNER_ACL is 1.
4.
Process second action if the second’s action IS_INNER_ACL is 1.
This implies that the second action can be processed in ANA_OU_SW pipeline point and the first action
can be processed in ANA_IN_SW pipeline point, or vice versa. Both actions can also be placed at the
same pipeline point in which case the first action is processed before the second.
Processing of each action obeys the frame’s current pipeline information (pipeline point and pipeline
action). For instance if the frame has been redirected at pipeline point ANA_CLM then neither of the
VCAP IS2 actions are applied. However, VCAP IS2 action IGNORE_PIPELINE_CTRL can overrule this.
Furthermore, frame processing between pipeline points ANA_OU_SW and ANA_IN_SW such as OAM
filtering or protection switching can influence the processing of the VCAP IS2 actions so that only an
action belonging to pipeline point ANA_OU_SW is processed.
The following table lists how the two VCAP IS2 action are combined when both VCAP IS2 actions are
processed. For most cases, the processing is sequential, meaning that if both actions have settings for
the same (for instance MIRROR_PROBE), the second processing takes precedence. Others are sticky
meaning they cannot be undone by the second processing if already set by the first.
Table 103 •
Combining VCAP IS2 Actions
Action name
Combining actions
IS_INNER_ACL
Processed individually for each action.
PIPELINE_FORCE_ENA
Processed individually for each action. Second processing uses the result from the first
processing which can prevent its processing if the pipeline information from first
processing disables the second processing.
PIPELINE_PT
See PIPELINE_FORCE_ENA.
HIT_ME_ONCE
Sticky.
INTR_ENA
Sticky.
CPU_COPY_ENA
Sticky.
CPU_QU_NUM
Sticky (each action can generate a CPU copy and based on configuration in
ANA_AC:PS_COMMON:CPU_CFG.ONE_CPU_COPY_ONLY_MASK, both copies can
be sent to CPU).
CPU_DIS
Processed individually for each action. Second processing may clear CPU copy from
first processing.
LRN_DIS
Sticky.
RT_DIS
Sticky.
POLICE_ENA
Sticky.
POLICE_IDX
Second action takes precedence when POLICE_ENA is set.
IGNORE_PIPELINE_CTRL Processed individually for each action.
LOG_MSG_INT
Second action takes precedence when LOG_MSG_INT > 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com