Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 183 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 183 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 179Page - Microsemi Corporation VSC7440 Datasheet HTML 180Page - Microsemi Corporation VSC7440 Datasheet HTML 181Page - Microsemi Corporation VSC7440 Datasheet HTML 182Page - Microsemi Corporation VSC7440 Datasheet HTML 183Page - Microsemi Corporation VSC7440 Datasheet HTML 184Page - Microsemi Corporation VSC7440 Datasheet HTML 185Page - Microsemi Corporation VSC7440 Datasheet HTML 186Page - Microsemi Corporation VSC7440 Datasheet HTML 187Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
166
3.21.1.6 VCAP IS2 Statistics and Diagnostics
The following table lists the registers associated with VCAP IS2 statistics and diagnostics.
Each key type use in a lookup in VCAP IS2 triggers a sticky bit being set in
ANA_ACL::SEC_LOOKUP_STICKY. A sticky bit is cleared by writing.
Each action returned by VCAP IS2 triggers one of 1,024 counters (ANA_ACL::CNT) to be incremented.
This applies to both actions from matches and default actions. The index into the counters is provided by
VCAP IS2 action CNT_ID. The CNT_ID is fully flexible meaning multiple actions can point to the same
counter. The counters are writable so they can be preset to any value. A counter is cleared by writing 0.
3.21.1.7 Routing Statistics
If a routed frame is discarded by a VCAP IS2 rule it is configurable how the frame is counted in terms of
ingress and egress router leg statistics.
MASK_MODE
Processed individually for each action. Second processing uses the result from the first
processing. (If the first processing is sticky, the second processing is not applied).
MASK_MODE is sticky for the following values:
3: REPLACE_ALL
4: REDIR_PGID
6: VSTAX
PORT_MASK
See MASK_MODE.
MIRROR_PROBE
Second action takes precedence when MIRROR_PROBE > 0.
REW_CMD
Second action takes precedence same functions are triggered by both actions. If
different functions are used, both are applied.
TTL_UPDATE_ENA
Second action takes precedence when same function is triggered by both actions. If
different functions are used, both are applied.
SAM_SEQ_ENA
Second action takes precedence when same function is triggered by both actions. If
different functions are used, both are applied.
TCP_UDP_ENA
Second action takes precedence when TCP_UDP_ENA is set.
MATCH_ID
Processed individually for each action. Second processing uses the result from the first
processing.
MATCH_ID_MASK
Processed individually for each action. Second processing uses the result from the first
processing.
CNT_ID
Processed individually for each action. Two counters are updated, one for each action.
SWAP_MAC_ENA
Sticky.
ACL_RT_MODE
Second action takes precedence when same function is triggered by both actions. If
different functions are used, both are applied.
ACL_MAC
Second action takes precedence when same function is triggered by both actions. If
different functions are used, both are applied.
PTP_DOM_SEL
Second action takes precedence when PTP_DOM_SEL > 0.
Table 104 •
VCAP IS2 Statistics and Diagnostics
Register
Description
Replication
ANA_ACL::SEC_LOOKUP_STICKY
Sticky bits for each key type used in VCAP IS2.
Per lookup
ANA_ACL::CNT
VCAP IS2 match counters. Indexed with VCAP IS2 action
CNT_ID.
1,024
Table 103 •
Combining VCAP IS2 Actions (continued)
Action name
Combining actions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com