Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 186 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 186 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 182Page - Microsemi Corporation VSC7440 Datasheet HTML 183Page - Microsemi Corporation VSC7440 Datasheet HTML 184Page - Microsemi Corporation VSC7440 Datasheet HTML 185Page - Microsemi Corporation VSC7440 Datasheet HTML 186Page - Microsemi Corporation VSC7440 Datasheet HTML 187Page - Microsemi Corporation VSC7440 Datasheet HTML 188Page - Microsemi Corporation VSC7440 Datasheet HTML 189Page - Microsemi Corporation VSC7440 Datasheet HTML 190Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
169
VCAP IS2 action REW_CMD defines the Delay_Req/Resp processing mode where two modes exist:
•
Generate Delay_Resp from Delay Req frame and update the receiveTimestamp in the PTP header
with the ingress PTP time stamp. Use the time stamp from the configured time domain
(ANA_ACL:PORT:PTP_CFG.PTP_DOMAIN). This time domain must match the selected time
domain on the ingress port (DEVxx::PTP_CFG.PTP_DOM)
•
Generate Delay_Resp from Delay Req frame and do not update the receiveTimestamp.
In addition to the VCAP IS2 action, the Delay_Req/Resp processing must also be enabled in ANA_ACL
(ANA_ACL::PTP_MISC_CTRL.PTP_ALLOW_ACL_REW_ENA).
In addition to updating the receiveTimestamp, the following PTP header modifications are done
independently of the Delay_Req/Resp processing mode:
•
messageType. The PTP messageType is set to 0x9 (Delay_Resp)
•
messageLength. The PTP messageLength is set to 0x54 and the frame is expanded with 10 bytes
to accomodate the requestingPortIdentity. If the frame expands beyond 148 bytes, then the frame is
discarded.
For PTP frames carried over UDP, the UDP length is increased with 10 bytes. It is mandatory that
the original UDP length is 44 bytes. For PTP frames carried over IPv4, the IP total length is
increased with 10 bytes.
•
flagField. Selected bits in the PTP flagField can be reconfigured using the per-PTP domain
configured flagField and flagField mask (ANA_ACL:PTP_DOM:PTP_MISC_CFG).
The PTP domain is selected using VCAP IS2 action PTP_DOM_SEL.
•
sourcePortIdentity. The sourcePortIdentity is constructed using a 64-bit clockIdentity and a 16-bit
portNumber. The clockIdentity is configurable per-PTP domain.
By default, the portNumber is set to a per-PTP domain configured value. In addition, it is selectable
to overwrite the six least significant bits with a per-port configured value.
The PTP domain is selected using VCAP IS2 action PTP_DOM_SEL.
•
controlField. The PTP controlField is set to 0x3.
•
logMessageInterval. The PTP logMessageInterval can be specified for multicast frames only with
new values ranging from –8 through 7. The new value is configured using VCAP IS2 actions
SWAP_MAC_ENA and LOG_MSG_INT.
This update can be globally disabled in
ANA_ACL::PTP_MISC_CTRL.PTP_DELAY_REQ_MC_UPD_ENA.
•
requestingPortIdentity. This fields is set to the incoming frame’s sourcePortIdentity.
For PTP frames carried over UDP, any PTP header modifications trigger the UDP checksum to be
updated for IPv6 frames and to be cleared for IPv4 frames.
ANA_ACL::PTP_MISC_CTRL
Enable Delay_Req/resp processing.
Enable logMessageInterval update for multicast
Delay_Resp frames.
None
ANA_ACL:PTP_DOM:PTP_CLOCK_ID_MSB PTP clockIdentity used in portIdentity.
Per PTP domain
ANA_ACL:PTP_DOM:PTP_CLOCK_ID_LSB
PTP clockIdentity used in portIdentity.
Per PTP domain
ANA_ACL:PTP_DOM:PTP_SRC_PORT_CFG PTP portNumber used in portIdentity.
Configuration of whether to use fixed portNumber
or per-port portNumber.
Per PTP domain
ANA_ACL:PTP_DOM:PTP_MISC_CFG
Configuration of flagField with associated mask.
The PTP domain is specified with VCAP IS2
action PTP_DOM_SEL.
Per PTP domain
Table 107 •
ANA_ACL PTP Processing and Rewriting Registers (continued)
Register
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com