Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 188 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 188 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 184Page - Microsemi Corporation VSC7440 Datasheet HTML 185Page - Microsemi Corporation VSC7440 Datasheet HTML 186Page - Microsemi Corporation VSC7440 Datasheet HTML 187Page - Microsemi Corporation VSC7440 Datasheet HTML 188Page - Microsemi Corporation VSC7440 Datasheet HTML 189Page - Microsemi Corporation VSC7440 Datasheet HTML 190Page - Microsemi Corporation VSC7440 Datasheet HTML 191Page - Microsemi Corporation VSC7440 Datasheet HTML 192Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
171
Figure 37 •
MAC Table Organization
3.22.1.1 MAC Entry Table
Each entry in the MAC table contains the fields listed in the following table.
Table 108 •
MAC Table Entry
Field
Bits
Description
VLD
1
Entry is valid.
MAC
48
The MAC address of the station. (Part of primary key).
FID
13
VLAN filtering identifier (FID) unicast C-MAC entries. VLAN identifier (VID) for multicast C-
MAC entries. (Part of primary key).
LOCKED
1
Lock the entry as static. Note: Locking an entry will prevent hardware from changing
anything but the AGE_FLAG in the entry.
MIRROR
1
Frames from or to this station are candidate for mirroring.
AGE_FLAG
2
The number of loopbackaging periods that have taken place since the last frame was
received from this station. Incremented by hardware during a CPU SCAN and AUTOAGE
SCAN for the entry configured AGE_INTERVAL.
AGE_INTERVAL 2
Used to select which age timer is associated with the entry.
NXT_LRN_ALL
1
Used to ensure consistent MAC tables in a stack.
CPU_COPY
1
Frames from or to this station are candidate for CPU copy. Used together with CPU_QU
(to specify queue number).
CPU_QU
3
Used together with CPU_COPY.
SRC_KILL_FWD 1
Frames from this station will not be forwarded. This flag is not used for destination lookups.
VLAN_IGNORE
1
Used for ignoring the VLAN_PORT_MASK contribution from the VLAN table when
forwarding frames to this station. Can optionally be used for source port ignore
(ANA_L2::FWD_CFG.FILTER_MODE_SEL).
ADDR
12
Stored entry address used for forwarding and port move detection. The field is encoded
according to ADDR_TYPE.
HASH_KEY (FIX, MAC)
CMAC Table
MAC Entry
Row 0
Row 8191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com