Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 192 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 192 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 188Page - Microsemi Corporation VSC7440 Datasheet HTML 189Page - Microsemi Corporation VSC7440 Datasheet HTML 190Page - Microsemi Corporation VSC7440 Datasheet HTML 191Page - Microsemi Corporation VSC7440 Datasheet HTML 192Page - Microsemi Corporation VSC7440 Datasheet HTML 193Page - Microsemi Corporation VSC7440 Datasheet HTML 194Page - Microsemi Corporation VSC7440 Datasheet HTML 195Page - Microsemi Corporation VSC7440 Datasheet HTML 196Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
175
3.22.3.1 Adding a Unicast Entry
Use the following steps to add a unicast entry to the MAC table using the CPU interface.
Write direct
Write entry in MAC table
indexed by (row, column)
Configure the index of the entry to write in
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_R
OW,
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_C
OL and
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_T
YPE
Configure entry fields in LRN::MAC_ACCESS_CFG_0,
LRN::MAC_ACCESS_CFG_1 and
LRN::MAC_ACCESS_CFG_2
Status of write operation returned in
LRN::EVENT_STICKY.CPU_WRITE_DIRECT_STICKY
Scan
Find next/Find all
Searches through the MAC
table and either stops at the
first row with entries matching
the specified filter conditions
or perform the specified
actions on all entries matching
the specified filter conditions.
Configure the starting row for the scan in:
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_R
OW,
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_C
OL and
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_T
YPE
Configure an ending row for the scan (if searching through the
complete table is not required):
LRN::SCAN_LAST_ROW_CFG.SCAN_LAST_ROW
For information about search filters and corresponding actions,
see SCAN Command, page 176.
Find smallest
Get the smallest entry in the
MAC table numerically larger
than the specified (FID, MAC).
FID and MAC are evaluated as
a 61 bit number with the FID
being most significant.
Configure MAC and FID of the starting point for the search in
LRN::MAC_ACCESS_CFG_0 and
LRN::MAC_ACCESS_CFG_1.
Configure search filters to be used during find smallest:
Use
LRN::SCAN_NEXT_CFG.SCAN_NEXT_IGNORE_LOCKED_E
NA to only search among entries with
LRN::MAC_ACCESS_CFG_2.MAC_ENTRY_LOCKED cleared.
Use LRN::SCAN_NEXT_CFG.FID_FILTER_ENA to only search
among entries with the VID/FID specified in
LRN::MAC_ACCESS_CFG_0.MAC_ENTRY_FID.
Use LRN::SCAN_NEXT_CFG.ADDR_FILTER_ENA to only
search among entries with the address specified in
LRN::MAC_ACCESS_CFG_2.MAC_ENTRY_ADDR and
LRN::MAC_ACCESS_CFG_2.MAC_ENTRY_ADDR_TYPE
Clear all
Initialize the table
Clears the entire table.
Table 110 •
MAC Table Access Commands (continued)
Command
Purpose
Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com