Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 191 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 191 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 187Page - Microsemi Corporation VSC7440 Datasheet HTML 188Page - Microsemi Corporation VSC7440 Datasheet HTML 189Page - Microsemi Corporation VSC7440 Datasheet HTML 190Page - Microsemi Corporation VSC7440 Datasheet HTML 191Page - Microsemi Corporation VSC7440 Datasheet HTML 192Page - Microsemi Corporation VSC7440 Datasheet HTML 193Page - Microsemi Corporation VSC7440 Datasheet HTML 194Page - Microsemi Corporation VSC7440 Datasheet HTML 195Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
174
The following table lists the types of access possible.
Table 110 •
MAC Table Access Commands
Command
Purpose
Use
Learn
Insert/learn new entry in MAC
table.
Position given by HASH(MAC,
FID).
Configure MAC and FID of the new entry in
LRN::MAC_ACCESS_CFG_0 and
LRN::MAC_ACCESS_CFG_1.
Configure entry fields in LRN::MAC_ACCESS_CFG_2.
Status of operation returned in:
LRN::EVENT_STICKY.CPU_LRN_REFRESH_STICKY,
LRN::EVENT_STICKY.CPU_LRN_INSERT_STICKY,
LRN::EVENT_STICKY.CPU_LRN_REPLACE_STICKY,
LRN::EVENT_STICKY.CPU_LRN_REPLACE_FAILED_STICK
Y, LRN::EVENT_STICKY.CPU_LRN_FAILED_STICKY, and
LRN::EVENT_STICKY.LRN_MOVE_STICKY
Unlearn/Forget
Delete/unlearn entry in MAC
table given by (MAC, FID).
Position given by HASH(MAC,
FID).
Configure MAC and FID of the entry to be unlearned in
LRN::MAC_ACCESS_CFG_0 and
LRN::MAC_ACCESS_CFG_1.
Status of operation returned in:
LRN::EVENT_STICKY.CPU_UNLEARN_STICKY and
LRN::EVENT_STICKY.CPU_UNLEARN_FAILED_STICKY.
Lookup
Lookup entry in MAC table
given by (MAC, FID).
Position given by HASH(MAC,
FID)
Configure MAC and FID of the entry to be looked up in
LRN::MAC_ACCESS_CFG_0 and
LRN::MAC_ACCESS_CFG_1.
Status of lookup operation returned in:
LRN::EVENT_STICKY.CPU_LOOKUP_STICKY and
LRN::EVENT_STICKY.CPU_LOOKUP_FAILED_STICKY
Entry fields are returned in LRN::MAC_ACCESS_CFG_2 if
lookup succeeded.
Read direct
Read entry in MAC table
indexed by (row, column)
Configure the index of the entry to read in
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_R
OW,
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_C
OL and
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_DIRECT_T
YPE
Status of read operation returned in
LRN::EVENT_STICKY.CPU_READ_DIRECT_STICKY
Entry fields are returned in LRN::MAC_ACCESS_CFG_0,
LRN::MAC_ACCESS_CFG_1 and
LRN::MAC_ACCESS_CFG_2 if read succeeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com