Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 194 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 194 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 190Page - Microsemi Corporation VSC7440 Datasheet HTML 191Page - Microsemi Corporation VSC7440 Datasheet HTML 192Page - Microsemi Corporation VSC7440 Datasheet HTML 193Page - Microsemi Corporation VSC7440 Datasheet HTML 194Page - Microsemi Corporation VSC7440 Datasheet HTML 195Page - Microsemi Corporation VSC7440 Datasheet HTML 196Page - Microsemi Corporation VSC7440 Datasheet HTML 197Page - Microsemi Corporation VSC7440 Datasheet HTML 198Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
177
The following table lists the supported SCAN filters.
The following table lists the available SCAN related actions.
Table 111 •
Scan Filters
Filter Type
Target::Register.Field
Description
FID filter
LRN::SCAN_NEXT_CFG.FID_FILTER_ENA
LRN::MAC_ACCESS_CFG_0.MAC_ENTRY_FID
ANA_L2::SCAN_FID_CTRL
ANA_L2::SCAN_FID_CFG
Finds entries with a specific
VID/FID.
Port or Address filter LRN::SCAN_NEXT_CFG.ADDR_FILTER_ENA,
LRN::MAC_ACCESS_CFG_2.MAC_ENTRY_ADDR,
LRN::MAC_ACCESS_CFG_2.MAC_ENTRY_ADDR_TYPE
LRN::SCAN_NEXT_CFG_1.SCAN_ENTRY_ADDR_MASK
Finds entries with a specific
ADDR_TYPE and ADDR. Note
that this can be combined with
ADDR wildcards; for example, to
find all entries related with a given
ADDR_TYPE, and so on.
Automatic age scan
port filter
LRN::SCAN_NEXT_CFG.SCAN_USE_PORT_FILTER_ENA
ANA_L2::FILTER_OTHER_CTRL
ANA_L2::FILTER_LOCAL_CTRL
Configures a port filter used for
defining which ports are
applicable for automatic aging.
Non-locked only filter LRN::SCAN_NEXT_CFG.SCAN_NEXT_IGNORE_LOCKED
_ENA
Finds non locked entries.
Aged only filter
LRN::SCAN_NEXT_CFG.SCAN_NEXT_AGED_ONLY_ENA Finds only aged entries, that is,
AGE_FLAG equal to maximum
(configured in
ANA_L2::LRN_CFG.AGE_SIZE).
AGE_INTERVAL filter LRN::SCAN_NEXT_CFG.SCAN_AGE_INTERVAL_MASK
Finds entries with a specific
AGE_INTERVAL.
AGE_FLAG filter
LRN::SCAN_NEXT_CFG.SCAN_AGE_FILTER_SEL
MAC_ACCESS_CFG_2.MAC_ENTRY_AGE_FLAG
Finds only entries with a specific
value.
NXT_LRN_ALL filter LRN::SCAN_NEXT_CFG.NXT_LRN_ALL_FILTER_ENA
MAC_ACCESS_CFG_2. MAC_ENTRY_NXT_LRN_ALL
Finds only entries with a specific
value.
Ignore locked filter
LRN::SCAN_NEXT_CFG.SCAN_NEXT_IGNORE_LOCKED
_ENA
Finds all or only non locked
entries.
Aged only filter
LRN::SCAN_NEXT_CFG.SCAN_NEXT_AGED_ONLY_ENA Finds all or only aged entries
(AGE_FLAG != 0).
Table 112 •
Scan Modification Actions
Action Type
Target::Register.Field
Description
Scan next until
found
LRN::SCAN_NEXT_CFG.SCAN_NEXT_UNTIL_FOUND_ENA Controls if scan stops when finding
an entry or scans through all
entries.
Update
AGE_FLAG
LRN::SCAN_NEXT_CFG.SCAN_AGE_FLAG_UPDATE_SEL
Updates AGE_FLAG for found
entries.
See LRN::SCAN_NEXT_CFG.
Update
NXT_LRN_ALL
LRN::SCAN_NEXT_CFG.SCAN_NXT_LRN_ALL_UPDATE_S
EL
Update sNXT_LRN_ALL for found
entries.
See LRN::SCAN_NEXT_CFG.
Change address
(MOVE)
LRN::SCAN_NEXT_CFG.SCAN_NEXT_MOVE_FOUND_ENA
LRN::SCAN_NEXT_CFG_1.PORT_MOVE_NEW_ADDR
LRN::SCAN_NEXT_CFG_1.SCAN_ENTRY_ADDR_MASK
Updates address for found entries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com