Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 197 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 197 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 193Page - Microsemi Corporation VSC7440 Datasheet HTML 194Page - Microsemi Corporation VSC7440 Datasheet HTML 195Page - Microsemi Corporation VSC7440 Datasheet HTML 196Page - Microsemi Corporation VSC7440 Datasheet HTML 197Page - Microsemi Corporation VSC7440 Datasheet HTML 198Page - Microsemi Corporation VSC7440 Datasheet HTML 199Page - Microsemi Corporation VSC7440 Datasheet HTML 200Page - Microsemi Corporation VSC7440 Datasheet HTML 201Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
180
3.22.6
Source Check and Automated Learning
This section describes hardware (or automated) learning related to source checking. The following table
lists the applicable registers.
The device learns addresses from each received frame’s SMAC field, so that subsequently forwarded
frames whose destination addresses have been learned can be used to restrict transmission to the port
or ports necessary to reach their destination.
The analyzer performs source lookup of the received {SMAC, IFID} in the MAC table to determine if the
source station is known or unknown. For more information, see Figure 39, page 181. If the source station
is known, a port move detection is performed by checking that the frame was received at the expected
port as specified by the ADDR_TYPE and ADDR stored in the source entry. The expected port can be a
logical port (represented as UPSID, UPSPN), an MC_IDX, or a global aggregated port (represented as
GLAGID). Failing source checks can trigger a number of associated actions:
•
Secure forwarding. Disable forwarding from unknown or moved stations. This action can be
triggered by two configurations:
•
VLAN-based Secure forwarding controlled per VLAN
(ANA_L3:VLAN:VLAN_CFG.VLAN_SEC_FWD_ENA).
•
Port-based secure forwarding controlled per port (ANA_L2::LRN_SECUR_CFG).
•
Secure forwarding from locked entries. Disable forwarding from known but moved stations with
locked MAC table entry (ANA_L2:COMMON:LRN_SECUR_LOCKED_CFG).
•
Automatic learning enabled per port (ANA_L2::AUTO_LRN_CFG). Automatic learning of traffic
received from an unknown source station will cause the MAC table to be updated with a new entry.
Traffic received from a known source station with changed port will cause the known MAC table
entry ADDR_TYPE and ADDR to be updated.
•
CPU copy enabled per port (ANA_L2::LRN_COPY_CFG and ANA_L2::LRN_CFG.CPU_LRN_QU).
A learn copy is sent to CPU.
Table 114 •
Hardware-Based Learning
Target::Register.Field
Description
Replication
ANA_L2::AUTO_LRN_CFG
Configures automatic learning per port
1
ANA_L2::LRN_SECUR_CFG
Configures secure forwarding per port
1
ANA_L2::LRN_SECUR_LOCKED_CF
G
Configures secure forwarding for static locked entries per
port.
1
ANA_L2::LRN_COPY_CFG
Configures CPU copy of learn frames per port.
1
ANA_L2::MOVELOG_STICKY
Identifies ports with moved stations.
1
ANA_L2::LRN_CFG
Configures common learning properties.
1
ANA_L3:VLAN:VLAN_CFG.VLAN_FID Configures filtering identifier (FID) to be used for learning.
Per VLAN
LRN::AUTO_LRN_CFG
Configures automatic learning options.
1
LRN::EVENT_STICKY
Signal various sticky learning events.
1
ANA_L2:PORT_LIMIT:PORT_LIMIT_
CTRL
Controls automatic learn limits per logical port and GLAG.
per port and
GLAG (11+8
instances)
ANA_L2:PORT_LIMIT:PORT_LIMIT_
STATUS
Status for port limits.
per port and
GLAG (11+8
instances)
ANA_L2:LRN_LIMIT:FID_LIMIT_CTRL Controls automatic learn limits per FID.
per FID (4,224
instances)
ANA_L2:LRN_LIMIT:FID_LIMIT_
STATUS
Status for FID limits.
per FID (4,224
instances)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com