Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 199 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 199 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 195Page - Microsemi Corporation VSC7440 Datasheet HTML 196Page - Microsemi Corporation VSC7440 Datasheet HTML 197Page - Microsemi Corporation VSC7440 Datasheet HTML 198Page - Microsemi Corporation VSC7440 Datasheet HTML 199Page - Microsemi Corporation VSC7440 Datasheet HTML 200Page - Microsemi Corporation VSC7440 Datasheet HTML 201Page - Microsemi Corporation VSC7440 Datasheet HTML 202Page - Microsemi Corporation VSC7440 Datasheet HTML 203Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
182
•
SRC_KILL (LRN::AUTO_LRN_CFG.AUTO_LRN_SRC_KILL_FWD)
•
IGNORE_VLAN (LRN::AUTO_LRN_CFG.AUTO_LRN_IGNORE_VLAN)
•
MIRROR (LRN::AUTO_LRN_CFG.AUTO_LRN_MIRROR)
•
AGE_INTERVAL (LRN::AUTO_LRN_CFG.AUTO_AGE_INTERVAL)
•
All other fields are cleared
When a frame is received from a known station, that is, the MAC table already contains an entry for the
received frame’s (SMAC, VID/FID), the analyzer clears the AGED_FLAG for unlocked entries (LOCKED
flag cleared) and optionally, locked entries (ANA_L2:COMMON:LRN_CFG.AGE_LOCKED_ENA). A
cleared AGE_FLAG implies that the station is active. For more information, Automated Aging
(AUTOAGE), page 183.
For unlocked entries, ADDR_TYPE and ADDR fields are compared against the following:
•
UPSID_PN if received on a non aggregated port
•
GLAG if received on a global aggregated port
If there is a difference, the source entry ADDR_TYPE and ADDR is updated, which implies the station
has moved to a new port.
Source check for entries stored with ADDR_TYPE=MC_IDX (=3) can be ignored
(ANA_L2::LRN_CFG.IGNORE_MCIDX_PORTMOVE_ENA).
3.22.6.2 Port Move Log
A port move occurs when an existing MAC table entry for (MAC, FID) is updated with new port
information (ADDR_TYPE and ADDR). Such an event is logged and reported (in
ANA_L2::MOVELOG_STICKY) by setting the bit corresponding to the new port.
If port moves continuously occurs, it may indicate a loop in the network or a faulty link aggregation
configuration.
Port moves for locked entries can be detected in
ANA_L2::LRN_CFG.LOCKED_PORTMOVE_DETECT_ENA.
3.22.6.3 Port Learn Limits
It is possible to specify the maximum number of entries in the MAC table per port.
Port limits can be specified per logical port (local link aggregated port) and per global link aggregated
port (GLAG) (ANA_L2:PORT_LIMIT:PORT_LIMIT_CTRL.PORT_LRN_CNT_LIMIT). These limits do not
take multicast into account.
The current number of learned entries are always available in
ANA_L2:PORT_LIMIT:PORT_LIMIT_STATUS.PORT_LRN_CNT and are updated whenever either an
automatic learn operation or a CPU access is performed.
After a limit is reached, both automatic learning and CPU-based learning of unlocked entries are denied.
A learn frame to be learned when the limit is reached can selectively be discarded, redirected to CPU, or
copied to CPU (controlled in ANA_L2:PORT_LIMIT:PORT_LIMIT_CTRL.PORT_LIMIT_EXCEED_SEL).
Trying to exceed the configured limit can also trigger interrupt
(ANA_L2:PORT_LIMIT:PORT_LIMIT_CTRL.PORT_LIMIT_EXCEED_IRQ_ENA).
When learn limits are exceeded, a corresponding sticky bit is set
(ANA_L2:PORT_LIMIT:PORT_LIMIT_STATUS.PORT_LRN_LIMIT_EXCEEDED_STICKY).
If a MAC table entry interrupt moves from one port to another port, it is also reflected in the current
number of learned entries.
3.22.6.4 Filtering Identifier Learn Limits
It is possible to specify the maximum number of entries to be used per FID
(ANA_L2:LRN_LIMIT:FID_LIMIT_CTRL.FID_LRN_CNT_LIMIT). These limits do not take multicast into
account.
The current number of learned entries are always available in
ANA_L2:LRN_LIMIT:FID_LIMIT_STATUS.FID_LRN_CNT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com