Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 203 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 203 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 199Page - Microsemi Corporation VSC7440 Datasheet HTML 200Page - Microsemi Corporation VSC7440 Datasheet HTML 201Page - Microsemi Corporation VSC7440 Datasheet HTML 202Page - Microsemi Corporation VSC7440 Datasheet HTML 203Page - Microsemi Corporation VSC7440 Datasheet HTML 204Page - Microsemi Corporation VSC7440 Datasheet HTML 205Page - Microsemi Corporation VSC7440 Datasheet HTML 206Page - Microsemi Corporation VSC7440 Datasheet HTML 207Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
186
The PGID table is organized as shown in the following illustration.
Figure 40 •
PGID Layout
The forwarding process generates a forwarding decision that is used to perform a lookup in the PGID
table. The following forwarding decisions are possible.
•
Flood forwarding to one of the six flood masks located from address 11 to address 16 in the PGID
table is used as destination mask.
•
Unicast forwarding to {UPSID,UPSPN}. UPSID is checked against
ANA_AC::COMMON_VSTAX_CFG.OWN_UPSID:
If identical, destination mask is found based on lookup of UPSPN within the front port destinations of
the PGID table (address 0 to 10).
If not identical, destination mask is found based on lookup of UPSID in
ANA_AC:UPSID:UPSID_CFG.
•
Multicast forwarding: mc_idx is looked up in the PGID table with an offset of 11. Based on the
returned entry stack bit:
If cleared, the returned entry mask is interpreted as a destination mask.
If set, the returned entry mask is {UPSID,UPSPN} and the destination mask is found based on
lookup of UPSID in ANA_AC:UPSID:UPSID_CFG.
•
REQ destination set (REQ.COMMON.PORT_MASK when
REQ.COMMON.MASK_MODE=REPLACE_PGID). Destination set (REQ.COMMON.PORT_MASK
from VCAP CLM or VCAP IS2 is directly used as destination mask without PGID lookup.
•
REQ.L2_FWD cleared. Frame is discarded.
It is possible to generate a CPU copy can be generated when using the PGID lookup. If
ANA_AC:PGID:PGID_MISC_CFG.PGID_CPU_COPY_ENA is set in the used PGID entry, a copy is sent
to CPU queue specified by ANA_AC:PGID:PGID_MISC_CFG.PGID_CPU_QU.
The following illustration depicts the PGID lookup decision.
front port unicast
destination masks
x00b
0x000
port 0 destination mask
port 1 destination mask
port 10 destination mask
L2 unicast flood mask
L2 multicast flood mask
IP4 MC data flood mask
IP4 MC control flood mask
IP6 MC data flood mask
IP6 MC control flood mask
0x011
0x10b
0x20a
GLAG 0 mbr 0
GLAG 0 mbr 1
GLAG 31 mbr 7
general purpose destination 0
PGID ADDR
flood destination masks
General purpose
destinations
mc_idx:0x006
mc_idx:0x0ff
mc_idx:0x000
GLAG or General
purpose destinations
STACK interpret?
mc_idx:0x1ff
general purpose destination 1
general purpose destination n
front port mask
0
0
0
0
0
0
0
0
0
0
or
52
0
1
52
upspn
0
5
upsid
9
reserved (must be zero)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com