Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 207 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 207 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 203Page - Microsemi Corporation VSC7440 Datasheet HTML 204Page - Microsemi Corporation VSC7440 Datasheet HTML 205Page - Microsemi Corporation VSC7440 Datasheet HTML 206Page - Microsemi Corporation VSC7440 Datasheet HTML 207Page - Microsemi Corporation VSC7440 Datasheet HTML 208Page - Microsemi Corporation VSC7440 Datasheet HTML 209Page - Microsemi Corporation VSC7440 Datasheet HTML 210Page - Microsemi Corporation VSC7440 Datasheet HTML 211Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
190
Figure 43 •
Port Mask Operation
3.23.2
Policing
This section describes the functions of the policers. The following table lists the applicable registers.
Table 121 •
Policer Control Registers Overview
Target::Register.Field
Description
Replication
ANA_AC_POL::POL_ALL_CFG
Configures general control settings.
1
ANA_AC_POL::POL_ACL_CTRL
Configures VCAP policer’s mode of operation.
32
ANA_AC_POL::POL_ACL_RATE_CFG
Configures VCAP policer’s peak information rate
32
ANA_AC_POL::POL_ACL_THRES_CFG
Configures VCAP policer’s burst capacity.
32
true
# Forwarding controlled from CLM or VCAP_S2?
REQ.COMMON.MASK_MODE == REPLACE_ALL?
# Final destination port mask
dst_mask := REQ.COMMON.PORT_MASK
# Additional forwarding from CLM or VCAP_S2?
REQ.COMMON.MASK_MODE == OR_DST_MASK?
# Add to final destination port mask
dst_mask |= REQ.COMMON.PORT_MASK
true
# Overrule forwarding from CLM or VCAP_S2?
REQ.COMMON.MASK_MODE == REPLACE_PGID?
# Replace pgid destination port mask
pgid_mask := REQ.COMMON.PORT_MASK
false
true
# Add forwarding from CLM or VCAP_S2?
REQ.COMMON.MASK_MODE == OR_PGID_MASK?
# Add to pgid destination port mask
pgid_mask |= REQ.COMMON.PORT_MASK
false
# Normal PGID forwarding
pgid_mask := PgidLookupSel(REQ)
# Source filtering?
ANA_L2:ISDX:SERVICE_CTRL.SRC_MASK_DIS ||
REQ.L3_FWD?
false
true
Mask Operation
# Ignore source filtering
src_mask := ALL_ONES
# Prepare masks
src_mask := SrcTable(REQ.COMMON.PORTNUM)
aggr_mask := AggrTable(REQ.COMMON.AC)
true
# Ignore Aggregation mask
aggr_mask := ALL_ONES
true
false
# Aggreration selection?
ANA_L2:ISDX:SERVICE_CTRL.AGGR_REPLACE_EN
A==0 && ANA_L2:ISDX:SERVICE_CTRL.AGGR_VAL
!= 0?
dst_mask := pgid_mask &&
src_mask && aggr_mask && REQ.VLAN_PORT_MASK
false
false
Done selecting destination port mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com