Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 208 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 208 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 204Page - Microsemi Corporation VSC7440 Datasheet HTML 205Page - Microsemi Corporation VSC7440 Datasheet HTML 206Page - Microsemi Corporation VSC7440 Datasheet HTML 207Page - Microsemi Corporation VSC7440 Datasheet HTML 208Page - Microsemi Corporation VSC7440 Datasheet HTML 209Page - Microsemi Corporation VSC7440 Datasheet HTML 210Page - Microsemi Corporation VSC7440 Datasheet HTML 211Page - Microsemi Corporation VSC7440 Datasheet HTML 212Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
191
3.23.2.1 Policer Hierarchy
There are multiple levels of policing, which operate in configurable hierarchies, as shown in the following
illustration.
ANA_AC_POL::POL_STORM_CTRL
Configures storm policer’s mode of operation.
8
ANA_AC_POL::POL_STORM_RATE_CFG
Configures storm policer’s peak information rate
8
ANA_AC_POL::POL_STORM_THRES_CFG
Configures Storm policer’s burst capacity.
8
ANA_AC_POL::POL_PORT_RATE_CFG
Configures port policer’s peak information rate.
Per port per
port policer
ANA_AC_POL::POL_PORT_THRES_CFG_0
Configures port policer’s burst capacity.
Per port per
port policer
ANA_AC_POL::POL_PORT_THRES_CFG_1
Configures port policer’s hysteresis when used for
flowcontrol.
Per port per
port policer
ANA_AC_POL:POL_PORT_CTRL:POL_PORT_
CFG
Configures port policer’s mode of operation.
Per port per
port policer
ANA_AC_POL:POL_PORT_CTRL:POL_PORT_
GAP
Configures port policer’s gap value used to correct
size per frame.
Per port
ANA_AC_POL::POL_STICKY
Captures various policer events for diagnostic
purposes.
1
ANA_AC_POL:COMMON_SDLB:DLB_CTRL
Configures common SDLB policer’s mode of
operation.
1
ANA_AC_POL:COMMON_SDLB:DLB_STICKY
Captures various SDLB policer events for
diagnostic purposes.
1
ANA_AC_POL:SDLB:DLB_CFG
Configures SDLB policer’s mode of operation.
Per SDLB
ANA_AC_POL:SDLB:LB_CFG
Configures SDLB policer’s committed and peak
leaky buckets
Per SDLB
per leaky
bucket
Table 121 •
Policer Control Registers Overview (continued)
Target::Register.Field
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com