Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 212 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 212 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 208Page - Microsemi Corporation VSC7440 Datasheet HTML 209Page - Microsemi Corporation VSC7440 Datasheet HTML 210Page - Microsemi Corporation VSC7440 Datasheet HTML 211Page - Microsemi Corporation VSC7440 Datasheet HTML 212Page - Microsemi Corporation VSC7440 Datasheet HTML 213Page - Microsemi Corporation VSC7440 Datasheet HTML 214Page - Microsemi Corporation VSC7440 Datasheet HTML 215Page - Microsemi Corporation VSC7440 Datasheet HTML 216Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
195
3.23.2.4 Priority Policing
The configuration parameters for priority policing are listed in the following table.
Non-service frames (which ISDX = 0 and ANA_L2:ISDX:DLB_CFG.DLB_IDX = 0) can use the service
policers as priority policers. This is enabled in ANA_L2::FWD_CFG.QUEUE_DEFAULT_SDLB_ENA.
The frame’s ingress port and classified QoS class select the priority policer. The configuration of the
priority policer follows the configuration of the service policers. For more information, see All policers can
be configured to add between –64 and 63 bytes per frame to adjust the counted frame size for inter-
frame gap and/or encapsulation., page 192.
Note that a DLB policer index enabled by VCAP IS2 action ACL_MAC[16] takes precedence over the
priority policing. In that case, the frame is policed by the VCAP selected policer and not the priority
policer.
3.23.2.5 Port Policing
Each port policer entry contains the fields listed in the following table.
Frames applicable for policing are any frames received by the MAC and forwarded to the classifier. Short
frames (less than 148 bytes) with errors, pause frames, or MAC control frames are not forwarded by the
MAC and therefore not accounted for in the policers, That is, they are not policed and do not add to the
rate measured by the policers.
Port policers are enabled by configuring the traffic type to be policed
(ANA_AC_POL:POL_PORT_CTRL:POL_PORT_CFG.TRAFFIC_TYPE_MASK) and specifying a
corresponding rate (ANA_AC_POL:POL_PORT_CFG:POL_PORT_RATE_CFG.PORT_RATE).
Table 124 •
Priority Policer Table Entry
Field
Description
ANA_L2::FWD.QUEUE_DEFAULT_SDLB_ENA
Enables priority policers for non-service frames.
ANA_L2:PORT:PORT_DLB_CFG.QUEUE_DLB_IDX
Specifies which DLB policers are used for priority policing.
Table 125 •
Port Policer Table Entry
Field
Bits Description
TRAFFIC_TYPE_MASK
8
Configures the traffic types to be taken into account by the policer.
FRAME_RATE_ENA
1
Configures frame rate mode for the port policer, where rates are measured
in frames per second instead of bytes per second.
LIMIT_NONCPU_TRAFFIC_ENA
1
Configures how policing affects traffic towards front ports.
LIMIT_CPU_TRAFFIC_ENA
1
Configures how policing affects traffic towards CPU.
CPU_QU_MASK
8
Configures policing of frames to the individual CPU queues for the port
policer (see TRAFFIC_TYPE_MASK).
FC_ENA
1
Configures port policer to trigger flow control.
FC_STATE
1
Current flow control state.
DP_BYPASS_LVL
2
Controls the lowest DP level that is taken into account. That is, traffic with
DP below this value is ignored and not policed.
GAP_VALUE
7
Configures the leaky bucket calculation to include or exclude preamble,
inter-frame gap and optional encapsulation through configuration.
PORT_THRES0
6
Configures port policer burst capacity.
PORT_THRES1
6
Configures port policer hysteresis size when a port policer is in flow control
mode (see FC_ENA).
PORT_RATE
17
Configures port policer rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com