Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 210 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 210 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 206Page - Microsemi Corporation VSC7440 Datasheet HTML 207Page - Microsemi Corporation VSC7440 Datasheet HTML 208Page - Microsemi Corporation VSC7440 Datasheet HTML 209Page - Microsemi Corporation VSC7440 Datasheet HTML 210Page - Microsemi Corporation VSC7440 Datasheet HTML 211Page - Microsemi Corporation VSC7440 Datasheet HTML 212Page - Microsemi Corporation VSC7440 Datasheet HTML 213Page - Microsemi Corporation VSC7440 Datasheet HTML 214Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
193
3.23.2.2 BUM Policing
Each entry in the BUM single leaky bucket table contains the following fields.
The BUM policers are indexed through the VLAN table (ANA_L3:VLAN:BUM_CFG.BUM_SLB_IDX). This
indexing can be overruled for services through the ISDX table
(ANA_L2:ISDX:MISC_CFG.BUM_SLB_IDX and ANA_L2:ISDX:MISC_CFG.BUM_SLB_ENA).
Each BUM policer contains three leaky buckets. Rates and thresholds are configured through
ANA_AC_POL:BUM_SLB:LB_CFG).
Traffic for the three BUM leaky buckets is configurable in
ANA_AC_POL:COMMON_BUM_SLB:TRAFFIC_MASK_CFG. This provides a flexible allocation of traffic
for the policers. For example, it is possible to have BUM configured as:
•
Leaky bucket 0: Broadcast traffic
(ANA_AC_POL:COMMON_BUM_SLB:TRAFFIC_MASK_CFG[0].TRAFFIC_TYPE_MASK = 1)
•
Leaky bucket 1: Unknown unicast traffic
(ANA_AC_POL:COMMON_BUM_SLB:TRAFFIC_MASK_CFG[1].TRAFFIC_TYPE_MASK = 4)
•
Leaky bucket 2: Unknown multicast traffic
(ANA_AC_POL:COMMON_BUM_SLB:TRAFFIC_MASK_CFG[2]. TRAFFIC_TYPE_MASK = 2)
BUM policers can be configured as frame-based policers
(ANA_AC_POL:BUM_SLB:MISC_CFG.FRAME_RATE_ENA).
The BUM statistics count on the following events (configured through
ANA_AC:STAT_GLOBAL_CFG_BUM:STAT_GLOBAL_EVENT_MASK):
•
Bit 0: Count Broadcast traffic discarded by BUM policer
•
Bit 1: Count Multicast traffic discarded by BUM policer
•
Bit 2: Count Unicast traffic discarded by BUM policer
•
Bit 3: Count Broadcast traffic applicable for BUM policer, but not discarded
•
Bit 4: Count Multicast traffic applicable for BUM policer, but not discarded
•
Bit 5: Count Unicast traffic applicable for BUM policer, but not discarded.
Table 122 •
BUM Single Leaky Bucket Table Entries
Field
Bits
Description
ANA_AC_POL:BUM_SLB:SLB_CFG.TIMESCALE_VAL
2
Configures policer rate granularity.
ANA_AC_POL:BUM_SLB:SLB_CFG.CIR_INC_DP_VAL 2
Controls how much drop precedence (DP) is
incremented for excess traffic.
ANA_AC_POL:BUM_SLB:SLB_CFG.GAP_VAL
7
Configures the leaky bucket calculation to
include or exclude preamble, inter-frame gap
and optional encapsulation through
configuration.
ANA_AC_POL:BUM_SLB:LB_CFG[2:0].THRES_VAL
3 x 7
Configures burst size.
ANA_AC_POL:BUM_SLB:LB_CFG[2:0].RATE_VAL
3 x 11
Configures rate.
ANA_AC_POL:BUM_SLB:SLB_CFG.ENCAP_DATA_DIS 1
Configures if stripped encapsulation data
(normalized data) is policed by the policer.
ANA_AC_POL:BUM_SLB:MISC_CFG.FRAME_RATE_E
NA
1
Configures frame rate operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com