Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 206 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 206 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 202Page - Microsemi Corporation VSC7440 Datasheet HTML 203Page - Microsemi Corporation VSC7440 Datasheet HTML 204Page - Microsemi Corporation VSC7440 Datasheet HTML 205Page - Microsemi Corporation VSC7440 Datasheet HTML 206Page - Microsemi Corporation VSC7440 Datasheet HTML 207Page - Microsemi Corporation VSC7440 Datasheet HTML 208Page - Microsemi Corporation VSC7440 Datasheet HTML 209Page - Microsemi Corporation VSC7440 Datasheet HTML 210Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
189
The device performs a final port of exit (POE) calculation in ingress device when destination is a global
aggregated port. GLAG POE calculation must be enabled
(ANA_AC::COMMON_VSTAX_CFG.VSTAX2_GLAG_ENA). When enabled, GLAG forwarding uses a
portion of the PGID table (addresses 75 to 138). These addresses must use UPSID, UPSPN encoding
by setting the stack interpret bit.
POE calculation, which selects one of the global aggregated as destination port, is shown in the following
illustration.
Figure 42 •
GLAG Port of Exit Calculation
The total number of ports part of a GLAG must be specified in ANA_AC:GLAG:MBR_CNT_CFG.
The corresponding destination must be configured in PGID table for each GLAG member.
3.23.1.5 Port Mask Operation
The final destination port mask is deducted as shown in the following illustration.
ANA_AC:GLAG:MBR_CNT_CFG
Configures number of members per GLAG.
8
Table 120 •
GLAG Forward Registers Overview (continued)
Target::Register.Field
Description
Replication
MAC Table
dmac
{glagid, glag_mbr_idx}
{upsid, upspn}
glagid
glag_mbr_cnt_table
glag_mbr_idx := ac mod glag_mbr_cnt
glag part of PGID table
glag_mbr_cnt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com