Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 204 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 204 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 200Page - Microsemi Corporation VSC7440 Datasheet HTML 201Page - Microsemi Corporation VSC7440 Datasheet HTML 202Page - Microsemi Corporation VSC7440 Datasheet HTML 203Page - Microsemi Corporation VSC7440 Datasheet HTML 204Page - Microsemi Corporation VSC7440 Datasheet HTML 205Page - Microsemi Corporation VSC7440 Datasheet HTML 206Page - Microsemi Corporation VSC7440 Datasheet HTML 207Page - Microsemi Corporation VSC7440 Datasheet HTML 208Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
187
Figure 41 •
PGID Lookup Decision Forwarding
The following debug events can be used to observe current forwarding:
ANA_AC:PS_STICKY:STICKY.PGID_CPU_MASK_STICKY,
ANA_AC:PS_STICKY:STICKY.NO_L2_L3_FWD_STICKY,
ANA_AC:PS_STICKY:STICKY.IP6_MC_CTRL_FLOOD_STICKY,
ANA_AC:PS_STICKY:STICKY.IP6_MC_DATA_FLOOD_STICKY,
ANA_AC:PS_STICKY:STICKY.IP4_MC_CTRL_FLOOD_STICKY,
ANA_AC:PS_STICKY:STICKY.IP4_MC_DATA_FLOOD_STICKY,
ANA_AC:PS_STICKY:STICKY.L2_MC_FLOOD_STICKY and
ANA_AC:PS_STICKY:STICKY.UC_FLOOD_STICKY
The events can be counted in the port statistics block by setting the corresponding counter
mask:ANA_AC:PS_STICKY_MASK:STICKY_MASK
Flood decison
#Unknown DMAC?
Req.Flood?
false
PGID_ENTRY :=
PGID_TBL(req.dst.fwd_addr.upspn)
false
PGID_ENTRY := PGID_TBL(11
+req.dst.fwd_addr.mc_idx)
req.dst.fwd_type==MC_IDX?
true
req.dst.fwd_type==UPSID_PN?
IsOwnUpsid(req.dst.fwd_addr.upsid)?
true
true
false
IFH.VSTAX.GEN := FWD_LOGICAL
IFH.VSTAX.DST:UPSID := req.dst.fwd_addr.upsid;
IFH.VSTAX.DST:UPSPN := req.dst.fwd_addr.upspn;
do_stack_upsid_fwd
:= true;
false
No PGID lookup
false
req.l2_uc=1?
# Unicast flood
PGID_ENTRY := PGID_TBL(11)
true
req.ip_mc=1 and req.ip4_avail=1 ?
true
# IP4 MC CTRL flood
PGID_ENTRY := PGID_TBL(14)
req.ip_mc_ctrl=1?
true
# IP4 MC DATA flood
PGID_ENTRY := PGID_TBL(13)
false
req.ip_mc=1 and req.ip6_avail=1 ?
false
# IP6 MC CTRL flood
PGID_ENTRY := PGID_TBL(16)
req.ip_mc_ctrl=1?
true
# IP6 MC DATA flood
PGID_ENTRY := PGID_TBL(15)
false
true
# L2 MC flood
PGID_ENTRY := PGID_TBL(12)
false
true
Done selecting
PGID entry
Select PGID entry
# Redirect via PGID entry?
REQ.COMMON.MASK_MODE == REDIR_PGID?
# PGID index from CLM or VCAP_S2
PGID_ENTRY :=
PGID_TBL(REQ.COMMON.PORT_MASK(7:0))
true



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com