Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 205 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 205 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 201Page - Microsemi Corporation VSC7440 Datasheet HTML 202Page - Microsemi Corporation VSC7440 Datasheet HTML 203Page - Microsemi Corporation VSC7440 Datasheet HTML 204Page - Microsemi Corporation VSC7440 Datasheet HTML 205Page - Microsemi Corporation VSC7440 Datasheet HTML 206Page - Microsemi Corporation VSC7440 Datasheet HTML 207Page - Microsemi Corporation VSC7440 Datasheet HTML 208Page - Microsemi Corporation VSC7440 Datasheet HTML 209Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
188
3.23.1.2 Source Lookup
This section describes how to configure source port filtering. The following table lists the applicable
registers.
Source port filtering for each ingress port can be configured to ensure that frames are not bridged back to
the port it was received on (ANA_AC:SRC[0-14]:SRC_CFG).
Ports part of a link aggregation group (LAG) are configured with identical source masks, with all member
ports removed (bits corresponding to the member ports are cleared).
If a port is part of a global link aggregation group, a filter is applied to ensure that frames received at this
port are not bridged back to any of the ports in the global link aggregation group of which the source port
is part (ANA_AC:SRC[15-22]:SRC_CFG).
Local device ports part of a global link aggregation group must be cleared in the global aggregation
source mask (via ANA_AC:SRC[15-22]:SRC_CFG).
Source port filtering can be disabled when VCAP IS2 action MASK_MODE is set to 4 (= REDIR_PGID).
Source port filtering is not applied when a frame is routed.
3.23.1.3 Aggregation Group Port Selection
This section describes how to configure the aggregation table. The following table lists the applicable
registers.
The purpose of the aggregation table is to ensure that when a frame is destined for an aggregation
group, it is forwarded to exactly one of the group’s member ports.
The aggregation code REQ.AGGR_CODE generated in the classifier is used to look up an aggregation
mask in the aggregation table. Aggregation mask is configured in ANA_AC:AGGR:AGGR_CFG.
For non-aggregated ports, there is a one-to-one correspondence between logical port (ANA_CL:PORT:
PORT_ID_CFG.LPORT_NUM) and physical port, and the aggregation table does not change the
forwarding decision.
For aggregated ports, all physical ports in the aggregation group map to the same logical port, and
destination entries for a logical port in the PGID table must include all physical ports, which are members
of the aggregation group. Therefore, all but one LAG member port must be removed from the destination
port set.
For more information about link aggregation, see Link Aggregation Code Generation, page 113
3.23.1.4 Global Link Aggregation Forwarding
This section describes how to configure forwarding to a GLAG. The following table lists the applicable
registers.
Table 118 •
Source Table Registers Overview
Target::Register.Field
Description
Replication
ANA_AC:SRC:SRC_CFG
Configures source port filtering
23
Table 119 •
Aggregation Table Registers Overview
Target::Register.Field
Description
Replication
ANA_AC:AGGR:AGGR_CFG
Configures aggregation port filtering.
16
Table 120 •
GLAG Forward Registers Overview
Target::Register.Field
Description
Replication
ANA_AC::COMMON_VSTAX_CFG Configures VSTAX handles.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com