Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 201 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 201 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 197Page - Microsemi Corporation VSC7440 Datasheet HTML 198Page - Microsemi Corporation VSC7440 Datasheet HTML 199Page - Microsemi Corporation VSC7440 Datasheet HTML 200Page - Microsemi Corporation VSC7440 Datasheet HTML 201Page - Microsemi Corporation VSC7440 Datasheet HTML 202Page - Microsemi Corporation VSC7440 Datasheet HTML 203Page - Microsemi Corporation VSC7440 Datasheet HTML 204Page - Microsemi Corporation VSC7440 Datasheet HTML 205Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
184
Entry AGE_FLAG is used to detect inactive sources. The AGE_FLAG field is cleared upon receiving
traffic from a given source station and is periodically incremented by hardware to detect and delete
inactive source entries.
The automated age scan scans the MAC table and checks age candidates (entries with LOCK flag set to
0) for activity.
If an entry’s AGE_FLAG is set to maximum value (configured in ANA_L2::LRN_CFG.AGE_SIZE), the
entry is deemed inactive and removed. If an entry’s AGE_FLAG is less than the maximum value, the
AGE_FLAG is incremented.
The flag is cleared when receiving frames from the station identified by the MAC table entry.
It is possible to configure and forget AUTOAGE, which means that once configured automated aging is
performed without any further CPU assistance.
The interval between automatic aging can be controlled by specifying AGE_FLAG size
(ANA_L2::LRN_CFG.AGE_SIZE), unit size (LRN::AUTOAGE_CFG.UNIT_SIZE), and the number of units
between aging (LRN::AUTOAGE_CFG.PERIOD_VAL).
Setting LRN::AUTOAGE_CFG.UNIT_SIZE different from 0 to start the automatic aging.
To temporarily disable automatic aging, set LRN::AUTOAGE_CFG. PAUSE_AUTO_AGE_ENA to 1.
Additional control of automatic aging allows for instantaneously start and stop of current age scan
(LRN::AUTOAGE_CFG_1.FORCE_HW_SCAN_SHOT and
LRN::AUTOAGE_CFG_1.FORCE_HW_SCAN_STOP_SHOT).
It is also possible to do a controlled stopping of current age scan after it completes
(LRN::AUTOAGE_CFG_1.FORCE_IDLE_ENA).
It is possible to selectively do age filtering of local ports specified in
ANA_L2::FILTER_LOCAL_CTRL.FILTER_FRONTPORT_ENA or selectively do age filtering of entries
learned on remote devices in a multichip configuration
(ANA_L2::FILTER_OTHER_CTRL.FILTER_REMOTE_ENA). Both types must be enabled
(LRN::AUTOAGE_CFG_1.USE_PORT_FILTER_ENA).
The state of automatic aging can be monitored (LRN::AUTOAGE_CFG_2.NEXT_ROW,
LRN::AUTOAGE_CFG_2.SCAN_ONGOING_STATUS,
LRN::EVENT_STICKY.AUTOAGE_SCAN_COMPLETED_STICKY and
LRN::EVENT_STICKY.AUTOAGE_SCAN_STARTED_STICKY).
It is possible to observe whether entries are affected by a sticky event
(LRN::EVENT_STICKY.AUTOAGE_AGED_STICKY and
LRN::EVENT_STICKY.AUTOAGE_REMOVE_STICKY).
Example
For a 300-second age time, set four age periods of 75 seconds each:
1.
Set ANA_L2::LRN_CFG.AGE_SIZE to 1.
2.
Set LRN::AUTOAGE_CFG[0]. AUTOAGE_UNIT_SIZE to 3.
3.
Set LRN::AUTOAGE_CFG[0]. AUTOAGE_PERIOD_VAL to 75.
3.22.8
Interrupt Handling
The following table lists the interrupt handling registers.
Table 116 •
Analyzer Interrupt Handling Registers Overview
Target::Register.Field
Description
Replication
ANA_L2::INTR
Status of interrupt source
1
ANA_L2::INTR_ENA
Mask interrupt
1
ANA_L2::INTR_IDENT
Status of interrupt
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com