Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 198 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 198 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 194Page - Microsemi Corporation VSC7440 Datasheet HTML 195Page - Microsemi Corporation VSC7440 Datasheet HTML 196Page - Microsemi Corporation VSC7440 Datasheet HTML 197Page - Microsemi Corporation VSC7440 Datasheet HTML 198Page - Microsemi Corporation VSC7440 Datasheet HTML 199Page - Microsemi Corporation VSC7440 Datasheet HTML 200Page - Microsemi Corporation VSC7440 Datasheet HTML 201Page - Microsemi Corporation VSC7440 Datasheet HTML 202Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
181
These actions are controlled independently. In other words, it is possible to send a CPU copy as well as
disable normal forwarding.
Figure 39 •
Source Check
The source lookup is also used to clear an Age flag (used as activity indication) in the MAC table to allow
inactive MAC table entries to be pruned.
Port move detection is not performed for locked MAC table entries unless enabled
(ANA_L2::LRN_CFG.LOCKED_PORTMOVE_DETECT_ENA).
Frames failing locked port move detection can be copied to CPU queue
(ANA_L2::LRN_CFG.CPU_LRN_QU and ANA_L2::LRN_CFG.LOCKED_PORTMOVE_COPY_ENA).
3.22.6.1 Automatic Learning
The device can automatically add or update entries in the MAC table. New entries added by automatic
learning are formatted as follows.
•
VLD is set
•
MAC is set to the frame’s SMAC address
•
FID set to the frame’s REQ.FID
•
ADDR_TYPE, ADDR is set to:
UPSID_PN if received on a non aggregated port
GLAG if received on a global aggregated port
•
MAC_CPU_COPY (LRN::AUTO_LRN_CFG.AUTO_LRN_CPU_COPY)
•
MAC_CPU_QU (LRN::AUTO_LRN_CFG.AUTO_LRN_CPU_QU)
false
Put mac_entry into auto LRN queue
false
# CPU copy of learn frames?
ANA_L2::LRN_COPY_CFG[req.port_num]==1?
req.cpu_dest_set(ANA_L2::LRN_CFG.C
PU_LRN_QU) := 1
true
# Secure port forwarding?
ANA_L2::LRN_SECUR_CFG[req.port_num]==1?
req.l2_fwd := 0
req.vlan_mask := 0
false
true
Learn handling done
# Secure VLAN forwarding?
req.vlan_sec_fwd_ena==1?
false
# MAC entry found?
mac_entry.vld=1?
# Port move detection?
mac_entry.addr_type == src_addr.type &&
mac_entry.addr == src_addr.addr?
true
true
true
false
# Create MAC entry
# Automatic learning?
ANA_L2::AUTO_LRN_CFG[req.port_num]==1?
mac_entry.addr_type := src_addr.type
mac_entry.addr := src_addr.addr
false
Source MAC lookup performed
# CPU copy based on source lookup?
mac_entry.cpu_copy &&
ANA_L2::LRN_CFG.CPU_SMAC_COPY_ENA?
req.cpu_dest_set(mac_entry.cpu_qu) := 1
true
false



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com