Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 196 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 196 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 192Page - Microsemi Corporation VSC7440 Datasheet HTML 193Page - Microsemi Corporation VSC7440 Datasheet HTML 194Page - Microsemi Corporation VSC7440 Datasheet HTML 195Page - Microsemi Corporation VSC7440 Datasheet HTML 196Page - Microsemi Corporation VSC7440 Datasheet HTML 197Page - Microsemi Corporation VSC7440 Datasheet HTML 198Page - Microsemi Corporation VSC7440 Datasheet HTML 199Page - Microsemi Corporation VSC7440 Datasheet HTML 200Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
179
3.22.5.1 DMAC-Based Forwarding
The analyzer performs destination lookup in the MAC table to determine if the destination MAC address
is known or unknown.
•
If the destination is unknown, a flood forwarding decision is made if forwarding from unknown
sources is allowed (ANA_L3:VLAN:VLAN_CFG.VLAN_SEC_FWD_ENA). The associated flood
masks are located in the PGID table.
•
If the destination address is known, the associated ADDR_TYPE and ADDR stored in the
destination entry is used to find the destination port or ports in the PGID table.
Flooded traffic can be made available for mirroring
(ANA_L2:COMMON:FWD_CFG.FLOOD_MIRROR_ENA) and CPU copying
(ANA_L2:COMMON:FWD_CFG.FLOOD_CPU_COPY_ENA
ANA_L2:COMMON:FWD_CFG.CPU_DMAC_QU).
Traffic with known DMAC and VLAN_IGNORE set
LRN:COMMON:MAC_ACCESS_CFG_2.MAC_ENTRY_VLAN_IGNORE for CPU learned frames or
LRN:COMMON:AUTO_LRN_CFG.AUTO_LRN_IGNORE_VLAN for auto learned entries) and optionally
also flooded traffic (when ANA_L2:COMMON:FWD_CFG.FLOOD_IGNORE_VLAN_ENA set) can be
configured to ignore VLAN port mask or source port mask
(ANA_L2:COMMON:FWD_CFG.FILTER_MODE_SEL).
The DMAC lookup of the received {DMAC, EFID} in the MAC table is shown in the following illustration.
Figure 38 •
DMAC Lookup
false
vlan_ignore?
false
req.l2_fwd := 0
req.vlan_mask := 0
true
DMAC handling done
# MAC entry found?
mac_entry.vld=1?
true
false
# Use info from MAC entry
req.dst_addr_type := mac_entry.addr_type
req.dst_addr := mac_entry.addr
vlan_ignore := mac_entry.vlan_ignore
req.dmac_mirror := mac_entry.mirror
false
# CPU copy?
ANA_L2::FWD_CFG.CPU_DMAC_COPY_ENA &&
mac_entry.cpu_copy?
req.cpu_dest_set(mac_entry.cpu_qu) := 1
true
# Allow VLAN flooding?
req.vlan_flood_dis==1?
# Use flood configuration
req.flood := true
vlan_ignore :=
ANA_L2::FWD_CFG.FLOOD_IGNORE_VLAN_ENA
req.dmac_mirror :=
ANA_L2::FWD_CFG.FLOOD_MIRROR_ENA
# CPU copy?
ANA_L2::FWD_CFG.FLOOD_CPU_COPY_ENA?
req.cpu_dest_set( ANA_L2::FWD_CFG.CPU_DMAC_QU) :=
1
true
false
# VLAN ignore filter mode
ANA_L2:COMMON:FWD_CFG.FILTER_MODE_SEL?
true
req.ignore_src_mask := true
true
req.vlan_mask := ”ALL_ONES”
false
DMAC MAC lookup
performed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com