Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 200 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 200 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 196Page - Microsemi Corporation VSC7440 Datasheet HTML 197Page - Microsemi Corporation VSC7440 Datasheet HTML 198Page - Microsemi Corporation VSC7440 Datasheet HTML 199Page - Microsemi Corporation VSC7440 Datasheet HTML 200Page - Microsemi Corporation VSC7440 Datasheet HTML 201Page - Microsemi Corporation VSC7440 Datasheet HTML 202Page - Microsemi Corporation VSC7440 Datasheet HTML 203Page - Microsemi Corporation VSC7440 Datasheet HTML 204Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
183
After a limit is reached, both automatic learning and CPU-based learning of unlocked entries are denied.
A learn frame to be learned when the limit is reached can selectively be discarded, redirected to CPU, or
copied to CPU (controlled by ANA_L2:LRN_LIMIT:FID_LIMIT_CTRL.FID_LIMIT_EXCEED_SEL).
Attempts to exceed the configured limit can also trigger interrupt
(ANA_L2:LRN_LIMIT:FID_LIMIT_CTRL.FID_LIMIT_EXCEED_IRQ_ENA).
When the learn limits are exceeded, a corresponding sticky bit is set
(ANA_L2:LRN_LIMIT:FID_LIMIT_STATUS.FID_LRN_LIMIT_EXCEEDED_STICKY).
3.22.6.5 Shared or Independent VLAN Learning in MAC Table
The device can be set up to do a mix of Independent VLAN Learning (IVL), where MAC addresses are
learned separately on each VLAN and Shared VLAN Learning (SVL), where a MAC table entry is shared
among a group of VLANs. For shared VLAN learning, a MAC address and a filtering identifier (FID)
define each MAC table entry. A set of VIDs used for Shared VLAN learning maps to the same FID.
Shared VLAN learning is only applicable for unicast traffic.
Addresses learned from frames with one VLAN Identifier (VID) may or may not be used to filter frames
with the same SMAC but another VID, depending on management controls. If learned information is
shared for two or more given VIDs those VIDs map to a single Filtering Identifier (FID) and the term
Shared VLAN Learning (SVL) is used to describe their relationship. If the information is not shared, the
VIDs map to different FIDs and Independent VLAN Learning (IVL) is being used. FID is configured per
VLAN (ANA_L3:VLAN:VLAN_CFG.VLAN_FID).
For example, if VID 16 and VID 17 use SVL and share FID 16, then a MAC entry (MAC #X, FID 16) is
known for both VID 16 and VID 17.
If VID 16 and VID 17 use IVL and use FID 16 and FID 17, a MAC entry (MAC #X, FID 16) is only known
for VID 16; that is, the MAC address will be unknown for VID 17 (FID = 17).
In a VLAN-unaware operation, the device is set up to do SVL; that is, MAC addresses are learned for all
VLANs. Protocol-based VLAN, where traffic is classified into multiple VLANs based on protocol, requires
SVL
3.22.7
Automated Aging (AUTOAGE)
This section describes how to configure automated age scanning. The following table lists the applicable
registers.
Table 115 •
Automated Age Scan Registers Overview
Target::Register.Field
Description
Replication
LRN::AUTOAGE_CFG
Configures automated age scan of MAC table for
each of the four AGE_INTERVALs.
4
LRN::AUTOAGE_CFG_1
Configures automated age scan of MAC table.
1
LRN::AUTOAGE_CFG_2
Configures automated age scan of MAC table.
1
LRN::EVENT_STICKY.
AUTOAGE_SCAN_COMPLETED_STICKY
Signals completion of an automatic scan.
1
LRN::EVENT_STICKY.
AUTOAGE_SCAN_STARTED_STICKY
Signals start of an automatic scan.
1
LRN::EVENT_STICKY. AUTOAGE_AGED_STICKY Signals entries aged due to automatic aging.
1
LRN::EVENT_STICKY.
AUTOAGE_REMOVE_STICKY
Signals entries removed due to automatic aging. 1
ANA_L2::FILTER_LOCAL_CTRL
Configures front port filters to be used by
automatic aging and CPU scan.
1
ANA_L2::FILTER_OTHER_CTRL
Configures remote scan filter to be used by
automatic aging and CPU scan.
1
ANA_L2::LRN_CFG.AGE_SIZE
Configures the AGE_FLAG size.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com