Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 202 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 202 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 198Page - Microsemi Corporation VSC7440 Datasheet HTML 199Page - Microsemi Corporation VSC7440 Datasheet HTML 200Page - Microsemi Corporation VSC7440 Datasheet HTML 201Page - Microsemi Corporation VSC7440 Datasheet HTML 202Page - Microsemi Corporation VSC7440 Datasheet HTML 203Page - Microsemi Corporation VSC7440 Datasheet HTML 204Page - Microsemi Corporation VSC7440 Datasheet HTML 205Page - Microsemi Corporation VSC7440 Datasheet HTML 206Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
185
A sticky status of all interrupt sources in the analyzer is available (ANA_L2::INTR.VCAP_S2_INTR), and
all interrupt source can individually be configured to trigger CPU interrupt (ANA_L2::INTR_ENA). The
current CPU interrupt status is available (ANA_L2::INTR_IDENT).
The following analyzer interrupt sources exist:
VCAP IS2 can be setup to trigger CPU interrupt (VCAP_S2_INTR) when an entry with enabled interrupt
is hit (VCAP IS2 action INTR_ENA).
It is possible to trigger interrupt (PORT_LRN_LIMIT_INTR) when learning on a port attempt to exceed a
configured port learn limit (configured in
ANA_L2:PORT_LIMIT:PORT_LIMIT_CTRL.PORT_LIMIT_EXCEED_IRQ_ENA).
It is possible to trigger interrupt (FID_LRN_LIMIT_INTR) when learning on a FID attempt to exceed a
configured limit (configured in ANA_L2:LRN_LIMIT:FID_LIMIT_CTRL.FID_LIMIT_EXCEED_IRQ_ENA).
LRN access to the MAC table can be configured to trigger interrupt (LRN_ACCESS_COMPLETE_INTR)
after completion. This is useful when multiple CPU scans must be performed as fast as possible, for
example, when sorting the MAC addresses extracted from the entire MAC table using SCAN commands.
For more information about using the SCAN command, see SCAN Command, page 176.
3.23
Analyzer Access Control Forwarding, Policing, and
Statistics
This section provides information about analyzer access control (ANA_AC) forwarding, policing, and
statistics.
3.23.1
Mask Handling
This section describes how a number of port masks are applied to ensure correct forwarding.
•
VLAN port mask from ANA_L3:VLAN. This mask is used to ensure frames are only forwarded within
a dedicated VLAN (or VSI if service forwarded). The VLAN mask handle protection by means of
hardware assisted updates. For more information, see VLAN Table Update Engine, page 129. The
VLAN mask can be modified by VCAP CLM full action MASK_MODE and by VCAP IS2 action
MASK_MODE.
•
PGID port mask from ANA_AC:PGID. This mask is based on the DMAC lookup in the PGID table.
One of the six flood PGID entries is used if the DMAC is unknown. For DMAC known in the MAC
table, the associated address is used to select the used PGID entry.
•
Source port mask from ANA_AC:SRC. This mask is used to ensure frames are never forwarded to
the port it was received on and the used entry is found by looking up the source port.
•
Global source port mask from ANA_AC:SRC. This mask is used to ensure frames are never
forwarded to the global port it was received on and the used entry is found by looking up the global
stacking source port.
•
Aggregation port mask from ANA_AC:AGGR. This mask is used to ensure frames are forwarded to
one port within each aggregate destination port.
•
REQ.port_mask and REQ.mask_mode. This mask is special in the sense that it is a general purpose
mask that can be used for various security features and protection. The mask is controlled by VCAP
CLM and VCAP IS2.
The following sections provide more information about the different port masks.
3.23.1.1 PGID Lookup
The following table lists the registers associated with PGID lookup.
Table 117 •
PGID Registers Overview
Target::Register.Field
Description
Replication
ANA_AC:PGID:PGID_MISC_CFG Configures how to interpret PGID_CFG and configures CPU
copy with associated CPU queue.
per PGID
ANA_AC:PGID:PGID_CFG
Configures destination port mask or destination {UPSID,PN}.
per PGID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com