Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 211 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 211 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 207Page - Microsemi Corporation VSC7440 Datasheet HTML 208Page - Microsemi Corporation VSC7440 Datasheet HTML 209Page - Microsemi Corporation VSC7440 Datasheet HTML 210Page - Microsemi Corporation VSC7440 Datasheet HTML 211Page - Microsemi Corporation VSC7440 Datasheet HTML 212Page - Microsemi Corporation VSC7440 Datasheet HTML 213Page - Microsemi Corporation VSC7440 Datasheet HTML 214Page - Microsemi Corporation VSC7440 Datasheet HTML 215Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
194
3.23.2.3 ACL Policing
Each ACL policer entry contains the fields listed in the following table.
At most, a frame can trigger one ACL policer. ACL policers are enabled by specifying a rate in
ANA_AC_POL:POL_ALL_CFG:POL_ACL_RATE_CFG.ACL_RATE and also enabled by a VCAP IS2 hit.
For more information, see VCAP IS2, page 62.
The policer burst capacity can be specified with 4K granularity
(ANA_AC_POL:POL_ALL_CFG:POL_ACL_THRES_CFG.ACL_THRES).
The following parameters can also be configured per policer.
•
The leaky bucket calculation can be configured to include or exclude preamble, inter-frame gap and
an optional encapsulation (ANA_AC_POL:POL_ALL_CFG:POL_ACL_CTRL.GAP_VALUE).
•
Traffic with DP level below a certain level can be configured to bypass the policers
(ANA_AC_POL:POL_ALL_CFG:POL_ACL_CTRL.DP_BYPASS_LVL).
•
Each policer can be configured to measure frame rates instead of bit rates
(ANA_AC_POL:POL_ALL_CFG:POL_ACL_CTRL.FRAME_RATE_ENA).
•
Each policer can be configured to operate on frames towards CPU and/or front ports
(ANA_AC_POL:POL_ALL_CFG:POL_ACL_CTRL.ACL_TRAFFIC_TYPE_MASK).
Traffic dropped by an ACL policer can be counted in the ACL statistics block and optionally also in the
port statistic block. For more information, see Analyzer Statistics, page 198.
The following ACL policer debug events are available:
•
Bypass of policer due to pipeline handling can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_ACL_PT_BYPASS_STICKY).
•
Bypass of policer due to bypass level can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_ACL_BYPASS_STICKY).
•
Dropping of traffic due to ACL policer can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_ACL_DROP_STICKY).
•
Policers that are active but not closed can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_ACL_ACTIVE_STICKY).
For example, to use ACL policers to limit traffic to CPU only, the following configuration is required:
•
Set up a VCAP S2 rule to enable ACL policer 5.
•
Configure ACL policer 5 to only allow 100 frames per second towards CPU: # the rate is 10 times the
configured value ANA_AC_POL:POL_ALL_CFG:POL_ACL_RATE_CFG[5].ACL_RATE = 10
ANA_AC_POL:POL_ALL_CFG:POL_ACL_CTRL[5].FRAME_RATE_ENA = 1
•
Do not accept burst:
ANA_AC_POL:POL_ALL_CFG:POL_ACL_THRES_CFG[5].ACL_THRES = 0
•
Only police traffic towards CPU:
ANA_AC_POL:POL_ALL_CFG:POL_ACL_CTRL[5].ACL_TRAFFIC_TYPE_MASK = 2
Table 123 •
ACL Policer Table Entries
Field
Bits
Description
ACL_TRAFFIC_TYPE_MASK
2
Configures the traffic types to be taken into account by the policer.
FRAME_RATE_ENA
1
Configures frame rate mode for the ACLpolicer, where rates are measured
in frames per second instead of bytes per second.
DP_BYPASS_LVL
2
Controls the lowest DP level that is taken into account. That is, traffic with
DP below this value is ignored and not policed.
GAP_VALUE
7
Configures the leaky bucket calculation to include or exclude preamble,
inter-frame gap and optional encapsulation through configuration.
ACL_THRES
6
Configures ACL policer burst capacity.
ACL_RATE
17
Configures ACL policer rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com