Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 213 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 213 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 209Page - Microsemi Corporation VSC7440 Datasheet HTML 210Page - Microsemi Corporation VSC7440 Datasheet HTML 211Page - Microsemi Corporation VSC7440 Datasheet HTML 212Page - Microsemi Corporation VSC7440 Datasheet HTML 213Page - Microsemi Corporation VSC7440 Datasheet HTML 214Page - Microsemi Corporation VSC7440 Datasheet HTML 215Page - Microsemi Corporation VSC7440 Datasheet HTML 216Page - Microsemi Corporation VSC7440 Datasheet HTML 217Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
196
The policer burst capacity can be specified with 4K granularity
(ANA_AC_POL:POL_PORT_CFG:POL_PORT_THRES_CFG_0.PORT_THRES0).
Policing of traffic destined for CPU port or ports can be controlled (in
ANA_AC_POL:POL_PORT_CTRL:POL_PORT_CFG.TRAFFIC_TYPE_MASK(7) = 0 and CPU bypass
mask in ANA_AC_POL:POL_PORT_CTRL:POL_PORT_CFG.CPU_QU_MASK).
Port policers can individually be configured to affect frames towards CPU ports
(ANA_AC_POL:POL_PORT_CTRL:POL_PORT_CFG.LIMIT_CPU_TRAFFIC_ENA) or front ports
(ANA_AC_POL:POL_PORT_CTRL:POL_PORT_CFG.LIMIT_NONCPU_TRAFFIC_ENA).
The port policers can be configured for either serial or parallel operation
(ANA_AC_POL::POL_ALL_CFG.PORT_POL_IN_PARALLEL_ENA):
•
Serial. The policers are checked one after another. If a policer is closed, the frame is discarded and
the subsequent policer buckets are not updated with the frame.
•
Parallel. The policers are working in parallel independently of each other. Each frame is added to a
policer bucket if the policer is open, otherwise the frame is discarded. A frame may be added to one
policer although another policer is closed.
The following parameters can also be configured per policer.
•
The leaky bucket calculation can be configured to include or exclude preamble, inter-frame gap and
an optional encapsulation (ANA_AC_POL:POL_PORT_CTRL:POL_PORT_GAP.GAP_VALUE).
•
Each policer can be configured to measure frame rates instead of bit rates
(ANA_AC_POL:POL_PORT_CTRL:POL_PORT_CFG.FRAME_RATE_ENA).
•
Traffic with DP level below a certain level can be configured to bypass the policers
(ANA_AC_POL:POL_PORT_CTRL:POL_PORT_CFG.DP_BYPASS_LVL).
By default, a policer discards frames (to the affected port type: CPU and/or front port or ports) while the
policer is closed. A discarded frame is not forwarded to any ports (including the CPU).
However, each port policer has the option to run in flow control where the policer instead of discarding
frames instructs the MAC to issue flow control pause frames
(ANA_AC_POL:POL_ALL_CFG:POL_PORT_FC_CFG.FC_ENA). When operating in Flow control mode
it is possible to specify a hysteresis, which controls when the policer can re-open after having closed
(ANA_AC_POL:POL_PORT_CFG:POL_PORT_THRES_CFG_1. PORT_THRES1). The current flow
control state is accessible (ANA_AC_POL:POL_ALL_CFG:POL_PORT_FC_CFG.FC_STATE).
Note: Flow control signaling out of ANA_AC must be enabled
(ANA_AC_POL::POL_ALL_CFG.PORT_FC_ENA).
To improve fairness between small and large frames being policed by the same policer a hysteresis can
be specified for drop mode (ANA_AC_POL:POL_PORT_CFG:
POL_PORT_THRES_CFG_1.PORT_THRES1), which controls when the policer can re-open after
having closed. By setting it to a value larger than the maximum transmission unit, it can be guaranteed
that when the policer opens again, all frames have the same chance of being accepted.
Port policers can be configured operate on logical ports instead of physical ports
(ANA_AC_POL::POL_ALL_CFG.LPORT_POLICE_ENA) and thereby allow policing of aggregated port
bandwidth.
Traffic dropped by a policer can be counted by the port statistic block.
The following port policer debug events are available.
•
Bypass of policer due to pipeline handling can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_PORT_PT_BYPASS_STICKY).
•
Bypass of policer due to DP bypass level can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_PORT_BYPASS_STICKY).
•
Dropping of traffic towards CPU due to policer can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_PORT_DROP_CPU_STICKY).
•
Dropping of traffic towards front port due to policer can be identified
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_PORT_DROP_FWD_STICKY).
•
Policers that are active but not closed can be identified per policer
(ANA_AC_POL:POL_ALL_CFG:POL_STICKY.POL_PORT_ACTIVE_STICKY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com