Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 216 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 216 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 212Page - Microsemi Corporation VSC7440 Datasheet HTML 213Page - Microsemi Corporation VSC7440 Datasheet HTML 214Page - Microsemi Corporation VSC7440 Datasheet HTML 215Page - Microsemi Corporation VSC7440 Datasheet HTML 216Page - Microsemi Corporation VSC7440 Datasheet HTML 217Page - Microsemi Corporation VSC7440 Datasheet HTML 218Page - Microsemi Corporation VSC7440 Datasheet HTML 219Page - Microsemi Corporation VSC7440 Datasheet HTML 220Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
199
Figure 45 •
Sticky Events Available as Global Events
The global events [3:0] are typically allocated for detected control frames, frames dropped due to wrong
configuration, frames dropped due to VLAN filtering, and so on.
As an example, a particular event that is normally only of interest during debug, ANA_L2:
STICKY.VLAN_IGNORE_STICKY can be configured to be the global event 0 in
ANA_L2:STICKY_MASK.VLAN_IGNORE_STICKY_MASK(0).
The following illustration shows the configuration and status available for each port statistics counter.
Figure 46 •
Port Statistics Counters
Before the statistic counters can be used, they must be initialized to clear all counter values and sticky
bits (ANA_AC:STAT_GLOBAL_CFG_PORT:STAT_RESET.RESET).
For each counter the type of frames that are counted must be configured
(ANA_AC:STAT_CNT_CFG_PORT.STAT_CFG.CFG_CNT_FRM_TYPE).
Note: Frames without any destination are seen by the port statistics block as aborted.
Each counter must be configured whether frames or bytes are counted.
(ANA_AC:STAT_CNT_CFG_PORT.STAT_CFG.CFG_CNT_BYTE).
It is possible to limit counting to certain priorities
(ANA_AC:STAT_CNT_CFG_PORT.STAT_CFG.CFG_PRIO_MASK).
Counter events that can trigger counting can be selected among the global events
(ANA_AC:STAT_GLOBAL_CFG_PORT. STAT_GLOBAL_EVENT_MASK). There is one common event
mask for each of the four counter sets.
Each 40-bit counter consists of an MSB part and an LSB part (ANA_AC:STAT_CNT_CFG_PORT.
STAT_MSB_CNT and ANA_AC:STAT_CNT_CFG_PORT.STAT_LSB_CNT). The MSB part of the
counter is latched to a shadow register when the LSB part is read. As a result, the LSB part must always
ANA_CL
ANA_L2
ANA_L3
ANA_AC
global events[7:0]
Port
Policer
*_sticky
*_sticky_mask(3)
*_sticky_mask(2)
*_sticky_mask(1)
*_sticky_mask(0)
*_sticky
*_sticky
*_sticky
*_sticky_mask(3)
*_sticky_mask(2)
*_sticky_mask(1)
*_sticky_mask(0)
*_sticky_mask(3)
*_sticky_mask(2)
*_sticky_mask(1)
*_sticky_mask(0)
*_sticky_mask(3)
*_sticky_mask(2)
*_sticky_mask(1)
*_sticky_mask(0)
Port_num



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com