Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 218 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 218 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 214Page - Microsemi Corporation VSC7440 Datasheet HTML 215Page - Microsemi Corporation VSC7440 Datasheet HTML 216Page - Microsemi Corporation VSC7440 Datasheet HTML 217Page - Microsemi Corporation VSC7440 Datasheet HTML 218Page - Microsemi Corporation VSC7440 Datasheet HTML 219Page - Microsemi Corporation VSC7440 Datasheet HTML 220Page - Microsemi Corporation VSC7440 Datasheet HTML 221Page - Microsemi Corporation VSC7440 Datasheet HTML 222Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
201
Set ANA_AC:STAT_CNT_CFG_PORT[port].STAT_CFG[3].CFG_CNT_BYTE = 1.
Set ANA_AC:STAT_CNT_CFG_PORT[port].STAT_CFG[3].CFG_PRIO_MASK = 0xFF.
•
Enable global event 3 as trigger:
Set ANA_AC:STAT_GLOBAL_CFG_PORT[3]. STAT_GLOBAL_EVENT_MASK = 8.
Example: To set up port counter 0 to count frames dropped by port policer, the following configuration is
required.
•
Set up port counters. For each active Ethernet port:
Set ANA_AC:STAT_CNT_CFG_PORT[port].STAT_CFG[0].CFG_CNT_FRM_TYPE = 3.
Set ANA_AC:STAT_CNT_CFG_PORT[port].STAT_CFG[0].CFG_CNT_BYTE = 0.
Set ANA_AC:STAT_CNT_CFG_PORT[port].STAT_CFG[0].CFG_PRIO_MASK = 0xFF.
•
Enable global event 4 to 7 as trigger:
Set ANA_AC:STAT_GLOBAL_CFG_PORT[0]. STAT_GLOBAL_EVENT_MASK = 0xF0.
3.23.3.2 Queue Statistics
The following table lists the applicable queue statistics registers.
The following illustration shows the configuration and status available for each queue statistics counter.
Figure 47 •
Queue Statistics
Each counter type must be configured to count either bytes or frames
(ANA_AC:STAT_GLOBAL_CFG_QUEUE: STAT_GLOBAL_CFG.CFG_CNT_BYTE).
ACL events that can trigger counting can be selected among the following events:
•
Count traffic applicable for queue policer, but not discarded
•
Count traffic discarded by queue policer
There is one common event mask for each of the two queue counter types
(ANA_AC:STAT_GLOBAL_CFG_QUEUE:STAT_GLOBAL_EVENT_MASK).
Each 40-bit counter consists of an MSB part and an LSB part
(ANA_AC:STAT_CNT_CFG_QUEUE.STAT_MSB_CNT and
ANA_AC:STAT_CNT_CFG_QUEUE.STAT_LSB_CNT). The MSB part of the counter is latched to a
Table 128 •
Queue Statistics Registers Overview
Target::Register.Field
Description
Replication
ANA_AC:STAT_GLOBAL_CFG_QUEUE:
STAT_GLOBAL_CFG
Configures counting of bytes or frames per
queue (= port × 8 + iprio).
2
ANA_AC:STAT_GLOBAL_CFG_QUEUE:
STAT_GLOBAL_EVENT_MASK
Configures global event mask per queue
(= port × 8 + iprio).
2
ANA_AC:STAT_CNT_CFG_QUEUE.STAT_LSB_CNT Least significant 32 bits of counters per queue. per queue × 2
ANA_AC:STAT_CNT_CFG_QUEUE.STAT_MSB_CNT Most significant 8 bits of counters per queue.
per queue × 2
index = port number × 8 + IPRIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com