Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 222 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 222 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 218Page - Microsemi Corporation VSC7440 Datasheet HTML 219Page - Microsemi Corporation VSC7440 Datasheet HTML 220Page - Microsemi Corporation VSC7440 Datasheet HTML 221Page - Microsemi Corporation VSC7440 Datasheet HTML 222Page - Microsemi Corporation VSC7440 Datasheet HTML 223Page - Microsemi Corporation VSC7440 Datasheet HTML 224Page - Microsemi Corporation VSC7440 Datasheet HTML 225Page - Microsemi Corporation VSC7440 Datasheet HTML 226Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
205
•
ip_multicast_rpf_discarded - frame discarded due to failed Reverse Path Forwarding check (frame
not received from configured interface)
•
ip_TTL_discarded - frame discarded due to TTL <2.
There is one common event mask for each of the eight IRLEG counter types
(ANA_AC:STAT_GLOBAL_CFG_IRLEG:STAT_GLOBAL_EVENT_MASK).
Egress router leg counter events that can trigger counting can be selected among the following events:
•
acl_discarded - frame applicable for routing but discarded due to VCAP IS2 egress discard action
(second VCAP IS2 lookup with action RT_ENA cleared).
•
unicast_routed traffic - frame is unicast routed.
•
multicast_routed traffic - frame is multicast routed.
•
ip_multicast_switched traffic - frame is bridged within ingress VLAN.
•
ip_multicast_TTL_discarded - frame discarded due to TTL less than ERLEG configured TTL value.
There is a common event mask for each of the eight ERLEG counter types
(ANA_AC:STAT_GLOBAL_CFG_ERLEG:STAT_GLOBAL_EVENT_MASK).
Each 40-bit counter consists of an MSB part (ANA_AC:STAT_CNT_CFG_IRLEG.STAT_MSB_CNT or
ANA_AC:STAT_CNT_CFG_ERLEG.STAT_MSB_CNT) and an LSB part
(ANA_AC:STAT_CNT_CFG_IRLEG.STAT_LSB_CNT or
ANA_AC:STAT_CNT_CFG_ERLEG.STAT_LSB_CNT). The MSB part of the counter is latched to a
shadow register when the LSB part is read. As a result, the LSB part must always be read first, and the
MSB part must be read immediately after the LSB part. When writing to the counter, the MSB part must
be written first, followed by the LSB part.
3.23.4
Analyzer sFlow Sampling
This section describes sFlow sampling. The applicable registers are listed in the following table.
sFlow is a standard for monitoring-high speed switched networks through statistical sampling of incoming
and outgoing frames. Each port in the device can be set up as an sFlow agent monitoring the particular
link and generating sFlow data. If a frame is sFlow sampled, it is copied to the sFlow CPU extraction
queue (ANA_AC::SFLOW_CFG.SFLOW_CPU_QU).
An sFlow agent is configured through ANA_AC::SFLOW_CFG with the following options:
•
SFLOW_SAMPLE_RATE specifies the probability that the sampler copies a frame to the CPU. Each
frame being candidate for the sampler has the same probability of being sampled. The probability is
set in steps of 1/32768.
•
SFLOW_DIR_SEL(0) enables incoming frames on the port as candidates for the sampler.
•
SFLOW_DIR_SEL(1) enables outgoing frames on the port as candidates for the sampler. When Tx
sampling is used, the Sample ID must be set in the sFlow stamp to enable the CPU to determine the
sFlow sampler sampled by the frame
(ANA_AC::PS_COMMON_CFG.SFLOW_SMPLE_ID_IN_STAMP_ENA).
Table 132 •
Analyzer sFlow Registers Overview
Target::Register.Field
Description
Replication
ANA_AC::PS_COMMON_CFG.SFLOW_ENA
Controls sFlow operation.
1
ANA_AC::PS_COMMON_CFG.SFLOW_SMPL_ID
_IN_STAMP_ENA
Configures sFlow sampler ID (port number) as part
of stamp sent to CPU.
1
ANA_AC::SFLOW_CFG.SFLOW_CPU_QU
Configures CPU extraction queue for sFlow
sampled frames.
1
ANA_AC::SFLOW_CTRL
Configures sFlow samplers (rate and type).
Per port
ANA_AC::SFLOW_CNT
Current sFlow sampler count values.
Per port
ANA_AC:PS_STICKY:STICKY
Various sticky debug events.
1
ANA_AC:PS_STICKY_MASK:STICKY_MASK
Mask to allow debug events to be counted in port
stat block.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com