Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 225 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 225 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 221Page - Microsemi Corporation VSC7440 Datasheet HTML 222Page - Microsemi Corporation VSC7440 Datasheet HTML 223Page - Microsemi Corporation VSC7440 Datasheet HTML 224Page - Microsemi Corporation VSC7440 Datasheet HTML 225Page - Microsemi Corporation VSC7440 Datasheet HTML 226Page - Microsemi Corporation VSC7440 Datasheet HTML 227Page - Microsemi Corporation VSC7440 Datasheet HTML 228Page - Microsemi Corporation VSC7440 Datasheet HTML 229Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
208
Tx-mirrored traffic sent to the mirror port is modified according to a configured Tx port
(REW:COMMON:MIRROR_PROBE_CFG.MIRROR_TX_PORT) optionally with an additional Q-tag
(enabled in REW::MIRROR_PROBE_CFG.REMOTE_MIRROR_CFG).
For information about possible rewriter options for mirrored frames, see Mirror Frames, page 269.
Example: Ingress port mirroring in specific VLAN
All traffic only in VLAN 3 from host B on port 3 (the probe port) is mirrored to port 11 (the mirror port)
using probe 1, as shown in the following illustration.
Figure 52 •
Ingress Mirroring in Specific VLAN
The following configuration is required:
•
Enable RX mirroring on port 3:
ANA_AC:MIRROR_PROBE[1].PROBE_CFG.PROBE_DIRECTION = 2 (= Rx only)
ANA_AC:MIRROR_PROBE[1].PROBE_PORT_CFG = 0x8 (port 3)
•
Enable VID filtering:
ANA_AC:MIRROR_PROBE[1].PROBE_CFG.PROBE_VLAN_MODE = 2
ANA_AC:MIRROR_PROBE[1].PROBE_CFG. PROBE_VID = 3
•
Setup mirror port: QFWD:SYSTEM:FRAME_COPY_CFG[10].FRMC_PORT_VAL 11
3.24
Shared Queue System and Hierarchical Scheduler
The device includes a shared queue system with a per-port ingress queue and 3,358 shared egress
queues. The shared queue system has 8 megabits of buffer. It receives frames from 15 ports, stores
them in a shared packet memory, and transmits them towards 15 destination ports. The first 11 ports are
assigned directly to a specific front port, whereas the last four ports are internal ports.
Table 134 •
Port Definitions in Shared Queue System
Ports
Connection
0 – 8
Front port, maximum bandwidth is 1 Gbps or 2.5 Gbps.
9 – 10
Front port, maximum bandwidth is 10 Gbps.
11 – 12
Frame injection and extraction CPU ports. The CPU connects these ports to DMA logic or to a register
interface.
13
IP multicast loopback port (VD0).
When the queue system is requested to transmit to VD0, it generates multiple copies. All copies are,
outside the queue system, looped back into the analyzer. The rewriter changes the ingress port number to
VD0 before the loop. The analyzer generates a routed version of each of the frame copies coming from
VD0.
Switch
Host A
Host B
Host C
Network Analyzer
11
VLAN 2
VLAN 3
4
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com