Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 228 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 228 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 224Page - Microsemi Corporation VSC7440 Datasheet HTML 225Page - Microsemi Corporation VSC7440 Datasheet HTML 226Page - Microsemi Corporation VSC7440 Datasheet HTML 227Page - Microsemi Corporation VSC7440 Datasheet HTML 228Page - Microsemi Corporation VSC7440 Datasheet HTML 229Page - Microsemi Corporation VSC7440 Datasheet HTML 230Page - Microsemi Corporation VSC7440 Datasheet HTML 231Page - Microsemi Corporation VSC7440 Datasheet HTML 232Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
211
Frames discarded at this stage are discarded without considering the frame’s destination ports. This kind
of discarding is called tail dropping. It is an indication of head-of-line blocking and is not usually desired.
For information about how it can be avoided by properly configuring the congestion control system, see
Congestion Control, page 213.
The pause frame and discard mechanisms are activated when a threshold for the individual port’s
memory use is reached and when a threshold for the total use of memory is reached.
The following table lists the configuration registers involved in the buffer control.
The following table lists available status information.
3.24.3
Forwarding
The frame forwarder processes frames at the head of the per-port ingress queues by adding references
to the egress queues for each of the frames’ destination ports. The references points from the egress
queues to the stored frames. The forwarder can add from 78 million to 156 million references per second.
The ingress queues are selected by a weighted round-robin search, where the weights are configured in
QFWD::SWITCH_PORT_MODE.FWD_URGENCY.
Each frame is processed as either a drop-mode frame or a flow control frame, which influences how the
congestion control works. For a drop-mode frame, the congestion control can discard frame copies while
for a flow control frame, it lets the frame stay at the head of the ingress queue blocking further processing
of frames from the port until the congestion situation is over. A frame is processed as a drop-mode frame
if one of the following conditions is met:
•
The ingress port is configured to be an ingress drop port.
•
The egress port is configured to be an egress drop port.
•
The frame itself is analyzed to be a drop frame.
In terms of discarding frames, the forwarder can work in an ingress-focused statistics mode or an egress-
focused statistics mode. The mode is configured per ingress port in QFWD::STAT_CNT_CFG.
In the ingress-focused mode, a frame can be discarded towards multiple destinations simultaneously.
The discard statistics is only incremented if the frame is discarded towards all destinations.
In the egress-focused mode, the discard statistics is incremented for each copy of the frame being
discarded at the expense of the forwarder only discarding one frame copy per cycle. As a result, the
forwarder can become oversubscribed. For example, if two 10G ports are multicasting 64-byte frames at
wire-speed to ten destinations, the total amount of frame copies per second is 20 × 10
Table 137 •
Buffer Control Registers Overview
Register
Description
Replication
QSYS::ATOP
Maximum allowed memory use for a port before tail dropping is
activated.
Per port
QSYS::ATOP_TOT_CFG
Total memory use before tail dropping can be activated.
None
QSYS::PAUSE_CFG
Thresholds for when to start and stop port flow control based on
memory use by the port.
Per port
QSYS::PAUSE_TOT_CFG
Total memory use before flow control is activated.
None
QFWD::SWITCH_PORT_MODE
Enable drop mode for a port.
Per port
Table 138 •
Buffer Status Registers Overview
Register
Description
Replication
QSYS::MMGT_PORT_USE
Current consumption for a specific port
None
QSYS::MMGT_PORT_VIEW
Selection of port to show usage for
None
QSYS::MMGT
Number of free words in packet memory
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com