Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 230 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 230 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 226Page - Microsemi Corporation VSC7440 Datasheet HTML 227Page - Microsemi Corporation VSC7440 Datasheet HTML 228Page - Microsemi Corporation VSC7440 Datasheet HTML 229Page - Microsemi Corporation VSC7440 Datasheet HTML 230Page - Microsemi Corporation VSC7440 Datasheet HTML 231Page - Microsemi Corporation VSC7440 Datasheet HTML 232Page - Microsemi Corporation VSC7440 Datasheet HTML 233Page - Microsemi Corporation VSC7440 Datasheet HTML 234Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
213
table. The table provides a specific egress port and QoS class to use in congestion control. The table is
accessed through the QFWD::FRAME_COPY_CFG register.
The following illustration shows the translation of transmit requests.
Figure 54 •
Translation of Transmit Requests
The CPUQ field instructs which of the eight CPU extraction queues should get a copy of this frame. Each
queue in the queue system is translated into either one of the two internal CPU ports or to a front port.
The egress QoS class can be set to the same value as the ingress QoS class or to a specific value per
CPU extraction queue. A super priority can also be used. For more information, see Super Priorities,
page 229.
The mirror field is the mirror probe number, which is set by the analyzer if the frame must be mirrored.
There are three mirror probes available, and for each of the probes, associated egress port and egress
QoS class can be set by the translation table.
Finally, if the learn-all field is set, the frame should also be forwarded to the stacking links. It is selectable
to forward the frame to either of the two stacking links or to both, depending on the stacking topology.
The following table lists the configuration registers associated with the forwarding function.
3.24.4
Congestion Control
The buffer control can only guarantee that no ingress port consumes more than a certain amount of
memory. Discards made by the buffer control are tail drops. The congestion control is more advanced in
that it facilitates intelligent discard where only frames belonging to a congested flow are discarded.
If the forwarder finds that some frame copies are made to a congested flow, it discards the copies (drop-
mode frames) or lets the copies block further processing of the ingress queue (flow control ports).
Table 142 •
Frame Forwarder Registers Overview
Register
Description
Replication
QFWD::SWITCH_PORT_MODE Enables forwarding to/from port.
Forwarding speed configuration.
Drop mode setting.
Per port
QFWD::FRAME_COPY_CFG
Translates CPUQ/mirror/learn all to enqueuing requests.
12
QFWD::FRAME_COPY_LRNA
Learn All frame copy extra port.
None
QFWD::CPUQ_DISCARD
Disables enqueuing to specific CPU queues.
None
QSYS::FWD_PRESSURE
Configures forwarding pressure limits per port.
Per port
QFWD::MIRROR_CFG
Configures whether discarded copies should still generate a mirror
copy.
None
Translate
requests to
egress ports
Egress ports from destination set
CPU queues
Mirror request
LearnAll request
Egress ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com