Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 233 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 233 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 229Page - Microsemi Corporation VSC7440 Datasheet HTML 230Page - Microsemi Corporation VSC7440 Datasheet HTML 231Page - Microsemi Corporation VSC7440 Datasheet HTML 232Page - Microsemi Corporation VSC7440 Datasheet HTML 233Page - Microsemi Corporation VSC7440 Datasheet HTML 234Page - Microsemi Corporation VSC7440 Datasheet HTML 235Page - Microsemi Corporation VSC7440 Datasheet HTML 236Page - Microsemi Corporation VSC7440 Datasheet HTML 237Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
216
One important property of this mode is that higher QoS classes can block lower QoS classes. A
congested flow with a high QoS class uses all of the shared resources up to its threshold setting and
frame with lower QoS classes are thus affected (lower burst capacity).
The following table shows the configuration settings for strict priority sharing mode.
3.24.4.2 Per Priority Sharing
This mode sets aside some memory for each QoS class and can in addition have an amount of memory
reserved for green traffic only. This mode operates on ingress resources, in order to utilize that frames
with multiple destinations are only stored once.
Figure 58 •
Per Priority Sharing
The following table shows the configuration settings for per priority sharing mode.
Table 144 •
Strict Priority Sharing Configuration Settings
Configuration
Setting
Reservation thresholds
These can be set to any desired value. The amount set aside for each account should
be subtracted from the overall resource size, before the sharing thresholds are set up.
Ingress QoS class thresholds
Levels at which each QoS class should start to reject further enqueuing. Frames with
multiple destinations are only accounted once because they are physically only
stored once.
Ingress color thresholds
Set to their maximum value to disable. The color is not considered in this mode.
WRED group memberships
Disable all.
Egress sharing thresholds
Set all to 0, because only use ingress sharing control is . Egress would account for
multiple copies, which is not intended.
QoS reservation
(QRES::RES_QOS_MODE)
Disable for all. No shared resources are set aside per QoS class.
Table 145 •
Per Priority Sharing Configuration Settings
Configuration
Setting
Reservation thresholds
These can be set to any desired value, except for ingress per port reservation. The
algorithm requires these to be zeroed.
Ingress QoS class thresholds
Set to amount of shared memory which should be set aside for each QoS class. The
sum of all these should not exceed the amount of memory left after all the
reservations has been subtracted.
Ingress color thresholds
Subtracting all reservations including QoS class shared areas may end up in some
unused memory. Set the color thresholds to various levels to guarantee more space
the greener.
WRED group memberships
Disable all.
Egress sharing thresholds
Set all to 0, as we only use ingress sharing control. Egress would account for
multiple copies, which is not intended.
Share
d Res
ource
DP=3 limit
DP=2 limit
DP=1 limit
DP=0 limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com