Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 235 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 235 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 231Page - Microsemi Corporation VSC7440 Datasheet HTML 232Page - Microsemi Corporation VSC7440 Datasheet HTML 233Page - Microsemi Corporation VSC7440 Datasheet HTML 234Page - Microsemi Corporation VSC7440 Datasheet HTML 235Page - Microsemi Corporation VSC7440 Datasheet HTML 236Page - Microsemi Corporation VSC7440 Datasheet HTML 237Page - Microsemi Corporation VSC7440 Datasheet HTML 238Page - Microsemi Corporation VSC7440 Datasheet HTML 239Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
218
3.24.4.4 Priority-Based Flow Control
There is a fifth accounting scheme for the pending frames. It operates on ingress memory use, but has
the same set of thresholds as the other account systems. The output from that system is however not
used for stopping/discarding frame copies, but for requesting the port to transmit pause flow control
frames for the involved priorities. The threshold levels here should be configured in a way so that the
blocking thresholds cannot be reached during the trailing amount of data.
3.24.4.5 Threshold Configuration
There is a large number of thresholds for the reservations described. They are all found in the
QRES::RES_CFG register, which is replicated approximately 5,120 times.
The following table lists other registers involved in congestion control.
Ingress priority thresholds
Set to their maximum value, as the QoS classes should not have any sharing across
WRED groups.
Ingress color thresholds
Set to their maximum.
WRED group memberships
Set to define the WRED groups. For each group, define as well the up to 24 WRED
profiles (per QoS class and DP level)
Egress sharing thresholds
Set the QoS class thresholds to the highest possible consumption before any profile
hits 100% probability. The color thresholds can then operate on the remainder of the
resource in control and can all be set to the same value, allowing use of all the
remaining. A discard due to the WRED profile takes precedence over other sharing
states, so the area outside the group sections is only available for green traffic.
QoS reservation
(QRES::RES_QOS_MODE)
Disable for all.
Table 147 •
Threshold Configuration Overview
QRES::RES_CFG Replication Description
0 – 119
Ingress memory reservation for port P priority Q accessed at index 8P + Q.
496 – 503
Ingress memory shared priority threshold for priority Q accessed at index 496 + Q.
508 – 511
Ingress memory shared threshold for DP levels 1, 2, 3, and 0.
512 – 526
Ingress memory reservation for port P, shared between priorities, accessed at index
512 + P.
1,024 – 2,047
Ingress reference thresholds. Same organization as for ingress memory, but added
offset 1,024.
2,048 – 3,071
Egress memory thresholds. Same organization as for ingress memory, but added
offset 2,048.
3,072 – 4,095
Egress reference thresholds. Same organization as for ingress memory, but added
offset 3,072.
4,096 – 5,119
PFC memory thresholds, operating on ingress memory use. PFC is activated when
no memory left according to these thresholds. Same organization as the ingress
stop thresholds, but added offset 4,096.
Table 148 •
Congestion Control Registers Overview
Register
Description
QRES::RES_STAT (replicated same
way as RES_CFG)
Returns maximum value the corresponding threshold has been compared
with.
Table 146 •
WRED Sharing Configuration (continued)
Configuration
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com