Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 232 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 232 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 228Page - Microsemi Corporation VSC7440 Datasheet HTML 229Page - Microsemi Corporation VSC7440 Datasheet HTML 230Page - Microsemi Corporation VSC7440 Datasheet HTML 231Page - Microsemi Corporation VSC7440 Datasheet HTML 232Page - Microsemi Corporation VSC7440 Datasheet HTML 233Page - Microsemi Corporation VSC7440 Datasheet HTML 234Page - Microsemi Corporation VSC7440 Datasheet HTML 235Page - Microsemi Corporation VSC7440 Datasheet HTML 236Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
215
For PFC purposes, the congestion controller contains an additional accounting sheet of the ingress
memory consumption. The sheet has its own set of thresholds. The result of the accounting is whether to
send PFC pause frames towards the link partner.
The combined rule for allowing a frame copy is if both of the following are true:
•
Either ingress or egress memory evaluation must allow the frame copy.
•
Either the ingress or egress reference evaluation must allow the frame copy.
When the reserved accounts are closed, the shared accounts spanning multiple ports are checked.
There are various rules for regarding these accounts as open or closed. These rules are explained in the
following through three major resource modes, which the congestion controller is intended to be used in.
Figure 56 •
Reserved and Shared Resource Overview
The resource modes are defined by the way the shared resources are distributed between classes of
frames. Note, that there are many options for configuring a different resource mode than the modes
described in the following. This is outside the scope of this document.
3.24.4.1 Strict Priority Sharing
This resource mode considers higher QoS classes as more important than lower QoS classes. The
shared area is one big pool shared between all QoS classes. Eight thresholds define the limit for each of
the eight QoS classes. If the total consumption by all QoS classes exceeds one of the thresholds, the
account associated with the particular QoS class is closed.
Figure 57 •
Strict Priority Sharing
prio 0
prio 1
prio 6
prio 5
prio 4
prio 3
prio 2
prio 7
prio 0
prio 1
prio 6
prio 5
prio 4
prio 3
prio 2
prio 7
prio 0
prio 1
prio 6
prio 5
prio 4
prio 3
prio 2
prio 7
prio 0
prio 1
prio 6
prio 5
prio 4
prio 3
prio 2
prio 7
Packet Memory
Egress
Reservation
Ingress
Reservation
Port 1
Port 0
Port 1
Port 0
Sh
are
d R
eso
urc
e
QoS class 0 limit
QoS class 7 limit
QoS class 6 limit
QoS class 5 limit
QoS class 4 limit
QoS class 3 limit
QoS class 2 limit
QoS class 1 limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com