Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 229 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 229 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 225Page - Microsemi Corporation VSC7440 Datasheet HTML 226Page - Microsemi Corporation VSC7440 Datasheet HTML 227Page - Microsemi Corporation VSC7440 Datasheet HTML 228Page - Microsemi Corporation VSC7440 Datasheet HTML 229Page - Microsemi Corporation VSC7440 Datasheet HTML 230Page - Microsemi Corporation VSC7440 Datasheet HTML 231Page - Microsemi Corporation VSC7440 Datasheet HTML 232Page - Microsemi Corporation VSC7440 Datasheet HTML 233Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
212
frames/(8 × (64 + 20) ns) = 1,523 million frames per second. The forwarder can at maximum process
156 million frames per second. As a consequence, the ingress queues fill up and tail dropping is
inevitable.
The highlights of the modes are listed in the following table.
3.24.3.1 Forward Pressure
The worst-case switching capacity in the frame forwarder is 78 million frames per second. This
corresponds to 52 Gbps line rate with minimum-sized frames.
However, if a large share of these frames have multiple destinations, and are all close to the 64 byte
minimum frame size, the processing speed is insufficient to process the destination copy one at a time.
The consequence is that the ingress queues start to fill. The ingress queues contain both high and low
priority traffic, unicast, and multicast frames. To avoid head-of-line blocking effects from the ingress
queues filling up and eventually leading to tail dropping, a forward pressure system is in place. It can
discard frame copies based on the size of the ingress queues. Forward pressure is configured in the
QSYS::FWD_PRESSURE registers, where each port is allowed only a certain number of copies per
frame if the number of pending transmit-requests in the port’s ingress queue exceeds a threshold.
The following table lists the registers associated with configuring forward pressure.
3.24.3.2 Destination Selection
The forwarder adds references to the egress queues by evaluating the destination selection information
shown in the following table from the analyzer.
The destination set selects specific egress ports, and the CPUQ, mirror, and learn-all fields are indirect
frame destinations and must be translated to transmit requests through the frame copy configuration
Table 139 •
Statistics Modes
Statistics Mode
Operation
Ingress-focused
A frame switched to N ports and discarded to M ports will update the discard statistics for the
ingress port by one, only if N = 0 and M >0. The forwarder will use N cycles to process the
frame.
Egress-focused
A frame switched to N ports and discarded to M ports will update the discard statistics for the M
egress ports by one. The forwarder will use N+M cycles to process the frame.
Table 140 •
Forward Pressure Configuration Registers Overview
Register
Description
Replication
QSYS::FWD_PRESSURE.FWD_PRESSURE
Configures forwarding pressure limits per port.
Per port
QSYS::MMGT_IQ_STAT
Returns current ingress queue size.
Per port
QFWD::FWD_PRESSURE.FWD_PRESS_DROP
_CNT
Counts number of frame copies discarded due to
this feature. Value is total discards for all ports in
common.
None
Table 141 •
Analyzer Destination Selection
Field
Function
Destination set
Set of ports to receive a normal switched copy.
All ports except the internal extraction ports have a bit in this mask.
CPUQ
Set of CPU queues to receive a copy.
Mirror
Request mirror copy.
Learn all
Request learn copy to stack ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com