Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 231 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 231 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 227Page - Microsemi Corporation VSC7440 Datasheet HTML 228Page - Microsemi Corporation VSC7440 Datasheet HTML 229Page - Microsemi Corporation VSC7440 Datasheet HTML 230Page - Microsemi Corporation VSC7440 Datasheet HTML 231Page - Microsemi Corporation VSC7440 Datasheet HTML 232Page - Microsemi Corporation VSC7440 Datasheet HTML 233Page - Microsemi Corporation VSC7440 Datasheet HTML 234Page - Microsemi Corporation VSC7440 Datasheet HTML 235Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
214
The congestion control information from the analyzer result involved in the congestion control is listed in
the following table.
The current consumption of resources in the congestion controller is updated when a reference is added
to one of the egress queues. The congestion controller tracks four different resources:
•
Ingress packet memory consumption. Each frame uses a number of 176-byte words.
•
Egress packet memory consumption. Each frame uses a number of 176-byte words.
•
Ingress frame reference consumption. Each frame uses one frame reference per frame copy.
•
Egress frame reference consumption. Each uses one frame reference per frame copy.
There are 5,952 memory words and 5,952 frame references in total.
The accounting is done based on QoS classes and port numbers. Each account has a threshold
specifying how many resources the account is permitted to consume. The accounts are as follows:
•
Consumption per port per QoS class. This is a reservation account.
•
Consumption per port. A frame does not consume resources from this account before the resources
belonging to the previous account are consumed. This is a reservation account.
•
Consumption per QoS class. A frame does not consume resources from this account before the
resources belonging to the previous two accounts are consumed. This is a sharing account.
•
Consumption in addition to the above. A frame does not consume from this account before the
resources belonging to the previous three accounts are consumed. This is a sharing account.
The congestion controller updates an accounting sheet with the listed accounts for each of the tracked
resources.
The following illustration shows reservation accounts for the packet memory accounting sheets when a
700-byte frame from port 0 forwarded to ports 1 and 5 with QoS class 2 is added. The frame size
requires the use of five words in the packet memory. The account for ingress port 0, QoS class 2 is
reserved three words. Before the frame is added, it is checked if the account was fully utilized. If the
account was not fully used, the frame is allowed into the queue system. After the frame is added, the
account is updated with the five words and therefore uses two more than was reserved. These are
consumed from the port account. The port account is reserved 0 words and the added two words
therefore also close the port account. This affects further frame reception.
In the egress side, there are no words reserved for the account per port, per QoS class. The port account
for port 1 is reserved 8 words and 0 for port 5.
Figure 55 •
Accounting Sheet Example
Table 143 •
Analyzer Congestion Results
Field
Function
Drop mode
This frame can be dropped even if port is setup for flow control. This function is mainly used by the
analyzer for stacking use where the ingress unit's source port determines how congestion should
be handled.
DP
Drop precedence level. A value 0-3, telling how yellow the frame is.
QoS class
Frame’s ingress QoS class
Priority
Port
0 1
7
6
5
4
3
2
0
...
...
...
1
Packet memory, ingress user
Priority
Port
0 1
7
6
5
4
3
2
0
...
5
...
1
Packet memory, egress user
3
5
P
0
2
0
5
0
5
P
0
5
8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com